Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRD00514H Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SRD00514H
Description  Ge-Avalanche Photodiode with Pigtail
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SRD00514H Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SRD00514H Datasheet HTML 1Page - Siemens Semiconductor Group SRD00514H Datasheet HTML 2Page - Siemens Semiconductor Group SRD00514H Datasheet HTML 3Page - Siemens Semiconductor Group SRD00514H Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SRD 00514X
SRD 00515X
Semiconductor Group
2
Characteristics
All optical data refer to an optimally coupled 10/125
µm SM fiber at ambient temperature of
25 °C, unless otherwise defined.
Parameter
Symbol
Values
Unit
Spectral sensitivity
λ = 1310 nm, M = 1
Sλ
0.8 (
≥ 0.7)
A/W
Rise and fall time (10 % - 90 %)
RL = 50 Ω, M = 1, λ = 1310 nm, Φport = 100 µW
tr; tf
0.3 (
≤ 0.5)
ns
Multiplication factor at
VR = 0.9 VBR
M
4 (
≥ 3)
Breakdown voltage
IR = 100 µA
VBR
28
… 40
V
Total capacitance
VR = 0.9 VBR, Φport = 0, f = 1 MHz
C
≤ 2
pF
Dark current
VR = 10 V
VR = 0.9 VBR
ID
< 200
< 300
nA
nA
Multiplied dark current (
M = 10)
IDM
≤ 20
nA
Rel. Spectral Sensitivity
M = 1 (VR = 10 V)
Dark Current
ID = ID(VR / VBR)
Multiplication Factor
M = M(VR / VBR)
0
0.2
0.4
0.6
0.8
1
800
1000
1200
1400
1600
Wavelength in nm
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VR/VBR
M
ID


Similar Part No. - SRD00514H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SRD00512Z SIEMENS-SRD00512Z Datasheet
75Kb / 4P
   Ge-Avalanche Photodiode in TO Package with Integrated Optics
More results

Similar Description - SRD00514H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SRD00534X SIEMENS-SRD00534X Datasheet
112Kb / 5P
   Ge-Avalanche Photodiode with Pigtail, Central Pin
SRD00512Z SIEMENS-SRD00512Z Datasheet
75Kb / 4P
   Ge-Avalanche Photodiode in TO Package with Integrated Optics
logo
Optoway Technology Inc
APD-1310 OPTOWAY-APD-1310 Datasheet
82Kb / 2P
   InGaAs Avalanche PHOTODIODE with Single-Mode Pigtail
APD-1350 OPTOWAY-APD-1350 Datasheet
74Kb / 2P
   Mini-Size InGaAs Avalanche PHOTODIODE with Single-Mode Pigtail
APD-1300 OPTOWAY-APD-1300 Datasheet
82Kb / 2P
   InGaAs Avalanche PHOTODIODE with 50/125 um Fiber Pigtail
logo
Eudyna Devices Inc
FPD5W1KX EUDYNA-FPD5W1KX Datasheet
184Kb / 6P
   Avalanche Photodiode
logo
Roithner LaserTechnik G...
SSO-AD-500-TO52 ROITHNER-SSO-AD-500-TO52 Datasheet
51Kb / 2P
   Avalanche Photodiode
SSO-AD-500-TO52NF ROITHNER-SSO-AD-500-TO52NF Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52I ROITHNER-SSO-AD-230-TO52I Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-500-TO52I ROITHNER-SSO-AD-500-TO52I Datasheet
54Kb / 2P
   Avalanche Photodiode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com