Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM91303CA-N Datasheet(PDF) 8 Page - ELM Technology Corporation

Part # ELM91303CA-N
Description  CMOS PFM Step-up DC/DC converter and controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM91303CA-N Datasheet(HTML) 8 Page - ELM Technology Corporation

Back Button ELM91303CA-N Datasheet HTML 4Page - ELM Technology Corporation ELM91303CA-N Datasheet HTML 5Page - ELM Technology Corporation ELM91303CA-N Datasheet HTML 6Page - ELM Technology Corporation ELM91303CA-N Datasheet HTML 7Page - ELM Technology Corporation ELM91303CA-N Datasheet HTML 8Page - ELM Technology Corporation ELM91303CA-N Datasheet HTML 9Page - ELM Technology Corporation ELM91303CA-N Datasheet HTML 10Page - ELM Technology Corporation ELM91303CA-N Datasheet HTML 11Page - ELM Technology Corporation ELM91303CA-N Datasheet HTML 12Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
0 100 200 300 400 500 600 700 800 900
1.75
1.8
1.85
1.9
1.95
2
Time(μS)
Load Transient Response
Output Voltage
Output Current
50mA
1mA
0 100 200 300 400 500 600 700 800 900
1.75
1.8
1.85
1.9
1.95
2
Time(μS)
Load Transient Response
Output Voltage
Output Current
50mA
1mA
0
3
6
9
12
15
0.5
0.6
0.7
0.8
0.9
1
1.1
Iout (mA)
Vst-Iout
0
3
6
9
12
15
0
100
200
300
400
500
600
700
800
900
Iout (mA)
Vhold-Iout
22 -
ELM91xxxxA CMOS PFM Step-up DC/DC converter and controller


Similar Part No. - ELM91303CA-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM91 ELM-ELM91 Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter and controller
logo
ELM Technology Corporat...
ELM91 ELM-TECH-ELM91 Datasheet
1Mb / 22P
   PFM Step-up DC/DC converter and controller
ELM91-SERIES ELM-TECH-ELM91-SERIES Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter
ELM915BA ELM-TECH-ELM915BA Datasheet
635Kb / 6P
   54V 1A switching LED driver
logo
ELM Electronics
ELM915BA ELM-ELM915BA Datasheet
669Kb / 6P
   50V 1A switching LED driver
More results

Similar Description - ELM91303CA-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM91 ELM-ELM91 Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter and controller
logo
ELM Technology Corporat...
ELM91 ELM-TECH-ELM91 Datasheet
1Mb / 22P
   PFM Step-up DC/DC converter and controller
ELM94-SERIES ELM-TECH-ELM94-SERIES Datasheet
678Kb / 6P
   CMOS PFM step-up DC/DC converter
ELM9427B-S ELM-TECH-ELM9427B-S Datasheet
82Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Electronics
ELM94 ELM-ELM94 Datasheet
896Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM91-SERIES ELM-TECH-ELM91-SERIES Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com