Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRD00315G Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SRD00315G
Description  Ternary PIN Photodiode with Blocking Filter for 3rd Window
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SRD00315G Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SRD00315G Datasheet HTML 1Page - Siemens Semiconductor Group SRD00315G Datasheet HTML 2Page - Siemens Semiconductor Group SRD00315G Datasheet HTML 3Page - Siemens Semiconductor Group SRD00315G Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SRD 00314X
SRD 00315X
Semiconductor Group
2
Characteristics
All optical data refer to a coupled 10/125
µm SM fiber at ambient temperature of 25 °C,
unless otherwise defined.
Parameter
Symbol
Values
Unit
Spectral sensitivity
λ = 1310 nm, VR = 2V
Sλ
0.80 (
≥ 0.70)
A/W
Change in spectral sensitivity in operating
temperature range
Sλ
≤ 0.2
%/K
Rise and fall time (10%
− 90%)
RL = 50 Ω, VR = 2 V, λ = 1310 nm, Φport = 100 µW
tr; tf
0.3 (
≤ 0.5)
ns
Total capacitance
VR = 2 V, Φport = 0, f = 1 MHz
C2
1 (
≤ 1.5)
pF
Dark current
VR = 2 V, TA = 85 °C, Φport = 0
ID
1 (< 50)
nA
Optical attenuation for 3rd window
Cross talk
CRT
− 50
dB
Backreflection of optical power into optical port
R
≤ − 30
dB


Similar Part No. - SRD00315G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SRD00111Z SIEMENS-SRD00111Z Datasheet
119Kb / 5P
   Silicon PIN Photodiode in TO-Package
SRD00212Z SIEMENS-SRD00212Z Datasheet
64Kb / 3P
   Ternary PIN Photodiode in TO-Package with Integrated Optics
SRD00214C SIEMENS-SRD00214C Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
SRD00214H SIEMENS-SRD00214H Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
SRD00214X SIEMENS-SRD00214X Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
More results

Similar Description - SRD00315G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SRD00214X SIEMENS-SRD00214X Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
logo
OSRAM GmbH
SFH-205-FA OSRAM-SFH-205-FA Datasheet
207Kb / 9P
   Silicon PIN Photodiode with Daylight Blocking Filter
SFH-225-FA OSRAM-SFH-225-FA Datasheet
156Kb / 10P
   Silicon PIN Photodiode with Daylight Blocking Filter
SFH205FA OSRAM-SFH205FA Datasheet
207Kb / 9P
   Silicon PIN Photodiode with Daylight Blocking Filter
SFH-205-F OSRAM-SFH-205-F Datasheet
221Kb / 9P
   Silicon PIN Photodiode with Daylight Blocking Filter
SFH-235-FA OSRAM-SFH-235-FA Datasheet
239Kb / 9P
   Silicon PIN Photodiode with Daylight Blocking Filter
BPW34F OSRAM-BPW34F Datasheet
210Kb / 8P
   Silicon PIN Photodiode with Daylight Blocking Filter
SFH225FA OSRAM-SFH225FA Datasheet
156Kb / 10P
   Silicon PIN Photodiode with Daylight Blocking Filter
SFH235FA OSRAM-SFH235FA Datasheet
239Kb / 9P
   Silicon PIN Photodiode with Daylight Blocking Filter
SFH205F OSRAM-SFH205F_15 Datasheet
221Kb / 9P
   Silicon PIN Photodiode with Daylight Blocking Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com