Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STH51002Z Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # STH51002Z
Description  1300nm Laser in Coaxial TO-Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

STH51002Z Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  STH51002Z Datasheet HTML 1Page - Siemens Semiconductor Group STH51002Z Datasheet HTML 2Page - Siemens Semiconductor Group STH51002Z Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STH51002Z
Siemens Aktiengesellschaft
page(1/4)
8/94
1300nm Laser in Coaxial TO-Package
Designed for application in fiber-optic networks
Laser Diode with Multi-Quantum Well structure
Suitable for bit rates up to 1 Gbit/s
Ternary photodiode at rear mirror for monitoring and
control of radiant power
Hermetically sealed subcomponent, similar to TO 18
with integrated Silicon-Optics for high coupling
efficiencies
Maximum Ratings
Output power ratings refer to the optical port. The operating temperature of the submount
is identical to the case temperature
Module
Symbol
Values
Unit
Operating Temperature range at case
TC
- 40... +85
°C
Storage Temperature range
Tstg
- 40... +85
°C
Soldering Temperature
tmax = 10 s, 2 mm distance from bottom edge of case
TS
260
°C
Laserdiode
Symbol
Values
Unit
Direct forward current
IF max
120
mA
Radiant power CW
Φ
e
10
mW
Reverse Voltage
VR max
2V
Monitor Diode
Symbol
Values
Unit
Reverse Voltage
VR max
10
V


Similar Part No. - STH51002Z

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STH51004A SIEMENS-STH51004A Datasheet
128Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
STH51004G SIEMENS-STH51004G Datasheet
128Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
STH51004X SIEMENS-STH51004X Datasheet
128Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
STH51005A SIEMENS-STH51005A Datasheet
128Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
STH51005G SIEMENS-STH51005G Datasheet
128Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
More results

Similar Description - STH51002Z

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STH81002Z SIEMENS-STH81002Z Datasheet
43Kb / 3P
   1550nm Laser in Coaxial TO-Package
logo
California Eastern Labs
NX6510GH CEL-NX6510GH Datasheet
946Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX7304BG CEL-NX7304BG Datasheet
96Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
logo
Siemens Semiconductor G...
STM81004X SIEMENS-STM81004X Datasheet
129Kb / 4P
   1550 nm Laser in Coaxial Package with SM-Pigtail, Medium Power
STL81004X SIEMENS-STL81004X Datasheet
129Kb / 4P
   1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STH51004X SIEMENS-STH51004X Datasheet
128Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
STL51004X SIEMENS-STL51004X Datasheet
129Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
logo
California Eastern Labs
NX8304BE-CC CEL-NX8304BE-CC Datasheet
105Kb / 5P
   InGaAsP MQW-DFB LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
logo
OPTEK Technologies
OPV302 OPTEK-OPV302_14 Datasheet
176Kb / 2P
   Vertical Cavity Surface Emitting Laser in TO-46 Package
logo
OSRAM GmbH
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
   Laser Diode in TO-220 Package 2.0 W cw
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com