Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS811T Datasheet(PDF) 8 Page - Advanced Monolithic Systems Ltd

Part # AMS811T
Description  Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS811T Datasheet(HTML) 8 Page - Advanced Monolithic Systems Ltd

  AMS811T Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS811T Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS811T Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS811T Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS811T Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS811T Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS811T Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS811T Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
4.0
±0.1
4.0
±0.1
2.0
±0.05
1.75
±0.1
ø1.5
±0.1
ø1.1
±0.1
8.0
±0.2
3.5
±0.05
X X
X X
LOT SPECIFIC
CODE
MARKING
INFORMATION
NOTE: DIMENSIONS ARE IN MM.
AND FOLLOW EIA481-1 STANDARD.
ICs MAY ALSO BE MARKED WITH FULL PART NAME: 811L, 811M_…
AMAA or KABB = AMS811L
ANAA or KABC = AMS811M
APAA or KABD = AMS811T
AQAA or KABE = AMS811S
ARAA or KABF = AMS811R
ASAA or KABG = AMS812L
ATAA or KABH = AMS812M
AVAA or KABI = AMS812T
AWAA or KABJ = AMS812S
AXAA or KABK = AMS812R
Package Information
AMS811/812
8
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS811T

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS810L AMS-AMS810L Datasheet
416Kb / 8P
   Precision supply-voltage monitor
AMS810M AMS-AMS810M Datasheet
416Kb / 8P
   Precision supply-voltage monitor
AMS810R AMS-AMS810R Datasheet
416Kb / 8P
   Precision supply-voltage monitor
AMS810S AMS-AMS810S Datasheet
416Kb / 8P
   Precision supply-voltage monitor
AMS810T AMS-AMS810T Datasheet
416Kb / 8P
   Precision supply-voltage monitor
More results

Similar Description - AMS811T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C198 PHILIPS-SC26C198 Datasheet
358Kb / 49P
   Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
   5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
TD62650FG TOSHIBA-TD62650FG Datasheet
547Kb / 19P
   5V POWER SUPPLY & SUPPLY MONITORING COMMUNICATIONS IC
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
   Wide range of supply voltages
REV No:01-060817
logo
Marktech Corporate
TB62725BPG MARKTECH-TB62725BPG_09 Datasheet
896Kb / 18P
   8bit ConstantCurrent LED Driver of the 3.3V and 5V Power Supply Voltage Operation
logo
Linear Technology
LTC1986 LINER-LTC1986_15 Datasheet
162Kb / 8P
   3V/5V SIM Power Supply in ThinSOT
logo
Advanced Monolithic Sys...
AMS324 AMS-AMS324 Datasheet
300Kb / 4P
   Wide range of supply voltages
logo
PHOENIX CONTACT
2903523 PHOENIX-2903523 Datasheet
138Kb / 6P
   Electronic monitoring relay for undervoltage monitoring of direct and alternating voltages in single-phase networks
2866048 PHOENIX-2866048 Datasheet
152Kb / 8P
   Electronic monitoring relay for voltage monitoring of direct and alternating voltages in single-phase networks
logo
Linear Technology
LTC1986 LINER-LTC1986 Datasheet
141Kb / 8P
   3V/5V SIM Power Supply in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com