Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS73CAG02808RAUJI8I Datasheet(PDF) 5 Page - Advanced Monolithic Systems Ltd

Part # AMS73CAG02808RAUJI8I
Description  HIGH PERFORMANCE 1Gbit DDR3 SDRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS73CAG02808RAUJI8I Datasheet(HTML) 5 Page - Advanced Monolithic Systems Ltd

  AMS73CAG02808RAUJI8I Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
AMS73CAG01808RA Rev. 1.0 December 2010
TDQS, TDQS
Output
Termination Data Strobe: When enabled via Mode Register A11=1 in MR1, DRAM will enable the
same termination resistance function on TDQS/TDQS that is applied to DQS/DQS. When disabled via
mode register A11=0 in MR1, DM/TDQS will provide the data mask function and TDQS is not used.
NC
No Connect: No internal electrical connection is present.
VDDQ
Supply
DQ power supply: 1.5V +/- 0.075V
VSSQ
Supply
DQ Ground
VDD
Supply
Power Supply: 1.5V +/- 0.075V
VSS
Supply
Ground
VREFDQ
Supply
Reference Voltage for DQ
VREFCA
Supply
Reference Voltage for CA
ZQ
Supply
Reference Pin for ZQ calibration
NOTE : Input only pins ( BA0-BA2, A0-A13, RAS, CAS, WE, CS, CKE, ODT and RESET ) do not supply termination.
Pin
Type
Function
AMS73CAG01808RA


Similar Part No. - AMS73CAG02808RAUJI8I

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS73XX AMS-AMS73XX Datasheet
7Mb / 6P
   Low power consumption
More results

Similar Description - AMS73CAG02808RAUJI8I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com