Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS803L Datasheet(PDF) 5 Page - Advanced Monolithic Systems Ltd

Part # AMS803L
Description  Precision supply-voltage monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS803L Datasheet(HTML) 5 Page - Advanced Monolithic Systems Ltd

  AMS803L Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS803L Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS803L Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS803L Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS803L Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS803L Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS803L Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS803L Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DC Electrical Characteristics
(VCC = VRN + 5% to 5.5V, TA= -40~85ºC, unless otherwise noted.)(Note 1)
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
VCC
Operating Voltage Range
-
1.0
-
5.5
V
ICC
Supply Current
Vcc < 5.5V, AMS8xxL/M
-
10
30
ICC
Supply Current
Vcc < 3.6V, AMS8xxR/S/T/Z
-
10
30
µA
AMS809M
VRN -1.1%
VRN
VRN +1.1%
TA= 25ºC
All except
809M
VRN - 1.5%
VRN
VRN + 1.5%
TA= -40 ~ 85ºC
AMS809M
VRN - 1.8%
VRN
V RN + 2%
VRST
(V
RTH)
Threshold Voltage(Falling-
edge)(Note 2)
TA= -40 ~ 85ºC
All except
809M
VRN - 2.5%
VRN
VRN + 2.5%
V
VRTH
Threshold Voltage(Rising-
edge) (Note 2)
TA= -40 ~ 85ºC
AMS809M
4.232
4.31
4.396
VRTH
Reset Threshold Hysteresis
(Note 2)
Vcc varies between VRN ± 5%
(Only for 8xxL/M)
-
50
-
mV
Vcc
≥ 4.5V Isource=800µA
Vcc-1.5
-
-
Vcc
≥ 2.7V Isource=500µA
0.8×Vcc
-
-
Vcc
≥ 1.8V Isource=150µA
0.8×Vcc
-
-
VOH
Output High Voltage
Vcc
≥ 1.0V Isource=4µA
0.8×Vcc
-
-
V
Vcc
≥ 4.5V Isink=3.2mA
-
-
0.4
Vcc
≥ 2.7V Isink=1.2mA
-
-
0.3
VOL
Output Low Voltage
Vcc
≥ 1.0V Isink=100µA
-
-
0.3
V
Note: 1. Parameters of room temperature guaranteed by production test and parameters of full-temperature guaranteed by design.
2. VRST is Reset threshold voltage when VCC falls from high to low level. VRN is nominal reset threshold voltage.
AC Electrical Characteristics
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
-
8xxT/S/R/Z
140
240
560
tRS
Reset Pulse Width
TA= 25ºC
8xxL/M
140
200
280
ms
Reset Timing Diagram
VCC
t
RS
RESET
V
RST
V
RST + VRTH
AMS803/09/10
Advanced Monolithic Systems http://www.ams-semitech.com
5


Similar Part No. - AMS803L

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS811 AMS-AMS811 Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
AMS811-EUS-T AMS-AMS811-EUS-T Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
AMS811L AMS-AMS811L Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
AMS811M AMS-AMS811M Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
AMS811R AMS-AMS811R Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
More results

Similar Description - AMS803L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
logo
Linear Technology
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com