Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1117-1.2 Datasheet(PDF) 4 Page - Advanced Monolithic Systems Ltd

Part # AMS1117-1.2
Description  1A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1117-1.2 Datasheet(HTML) 4 Page - Advanced Monolithic Systems Ltd

  AMS1117-1.2 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1A Adjustable/Fixed Low Dropout Linear Regulator
Typicals and limits appearing in normal type apply for TJ=25℃.Limits appearing in Boldface type apply over the entire junction temperature for
operation, -20℃ to 125℃.
Electrical Characteristic
(Continued)
Symbol
Parameter
Conditions
Min
(Note 2)
Typ
(Note 1)
Max
(Note 2)
Units
VOUT
Line Regultion
(
Note 3)
IOUT=10mA ,(VOUT+1.5V)<=VIN<=12V
0.035
0.2
%
Load Regultion
(
Note 3)
VIN-VOUT=2V,10mA<= IOUT<=1A,
0.2
0.7
%
AMS1117-1.2
VIN-VOUT=2V,10mA<= IOUT<=1A,
0.2
1
%
VIN-VOUT
Dropout Volage
IOUT=1A,△VREF=1%
1.100
1.250
V
ILimit
Current Limit
VIN-VOUT= 2V, T
J
=25℃
1.1
1.5
A
Minimum Load
Current (Note 4)
AMS1117-ADJ
1.5V<=(VIN-VOUT)<=10V
10
mA
Quiescent Curent
VIN=VOUT+1.25V
5
13
mA
Thermal
Regulation
TA = 25°C, 30ms pulse
0.01
0.1
%/
W
Ripple
Rejection
f=120Hz,VIN-VOUT=3V, VRipple=1VPP
60
72
dB
Adjust Pin Current
50
120
µA
Adjust Pin Current
Change
1.5V<=VIN-VOUT<=7V, 10mA<=IOUT<=1A
0.2
5
µA
Temperature
Stability
0.5
%
Long Term
Stability
T
A
= 125°C, 1000hrs.
0.3
%
AMS1117
Advanced Monolithic Systems http://www.ams-semitech.com
4


Similar Part No. - AMS1117-1.2

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117-1.2 AMS-AMS1117-1.2 Datasheet
624Kb / 5P
   0.8A Adjustable/Fixed Low Dropout Linear Regulator
logo
DONGGUAN YOU FENG WEI E...
AMS1117-1.2 YFWDIODE-AMS1117-1.2 Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.2 TECHPUBLIC-AMS1117-1.2 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.2 TECHPUBLIC-AMS1117-1.2 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.2 TECHPUBLIC-AMS1117-1.2 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AMS1117-1.2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com