Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL81005A Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # STL81005A
Description  1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

STL81005A Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  STL81005A Datasheet HTML 1Page - Siemens Semiconductor Group STL81005A Datasheet HTML 2Page - Siemens Semiconductor Group STL81005A Datasheet HTML 3Page - Siemens Semiconductor Group STL81005A Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
02.95
1550 nm Laser in Coaxial Package with SM-Pigtail,
Low Power
STL 81004X
STL 81005X
Designed for application in fiber-optic networks
Laser diode with Multi-Quantum Well structure
Suitable for bit rates up to 1 Gbit/s
Ternary photodiode at rear mirror for monitoring and
control of radiant power
Hermetically sealed subcomponent, similar to TO 18
SM Pigtail with optional flange
Type
Ordering Code
Connector/Flange
STL 81004H
Q62702-Pxxxx
FC / without flange
STL 81004A
Q62702-Pxxxx
DIN / without flange
STL 81005H
Q62702-Pxxxx
FC / with flange
STL 81005A
Q62702-Pxxxx
DIN / with flange
Component with other connector types on request.
Maximum Ratings
Output power ratings refer to the SM fiber output. The operating temperature of the
submount is identical to the case temperature.
Parameter
Symbol
Values
Unit
Module
Operating temperature range at case
TC
− 40 + 85
°C
Storage temperature range
Tstg
− 40 + 85
°C
Soldering temperature
tmax = 10 s, 2 mm distance from bottom edge of
case
TS
260
°C


Similar Part No. - STL81005A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STL81007G SIEMENS-STL81007G Datasheet
550Kb / 4P
   1550 nm Laser in Receptacle Package, Low Power
STL81007X SIEMENS-STL81007X Datasheet
550Kb / 4P
   1550 nm Laser in Receptacle Package, Low Power
More results

Similar Description - STL81005A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STM81004X SIEMENS-STM81004X Datasheet
129Kb / 4P
   1550 nm Laser in Coaxial Package with SM-Pigtail, Medium Power
STL51004X SIEMENS-STL51004X Datasheet
129Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STH51004X SIEMENS-STH51004X Datasheet
128Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
STL81007X SIEMENS-STL81007X Datasheet
550Kb / 4P
   1550 nm Laser in Receptacle Package, Low Power
STL51007X SIEMENS-STL51007X Datasheet
80Kb / 4P
   1300 nm Laser in Receptacle Package, Low Power
logo
Optoway Technology Inc
FL-5340 OPTOWAY-FL-5340 Datasheet
92Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300_09 Datasheet
128Kb / 4P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300 Datasheet
101Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
logo
California Eastern Labs
NX8504BE-CC CEL-NX8504BE-CC Datasheet
111Kb / 5P
   1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
logo
List of Unclassifed Man...
FL-5100S ETC1-FL-5100S Datasheet
108Kb / 2P
   1550 nm LASER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com