Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1084S-1.8TR Datasheet(PDF) 3 Page - Advanced Monolithic Systems Ltd

Part # AMS1084S-1.8TR
Description  5A LDO VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1084S-1.8TR Datasheet(HTML) 3 Page - Advanced Monolithic Systems Ltd

  AMS1084S-1.8TR Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1084S-1.8TR Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1084S-1.8TR Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1084S-1.8TR Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1084S-1.8TR Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1084S-1.8TR Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1084S-1.8TR Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1084S-1.8TR Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1084S-1.8TR Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AMS
1084S2-2.5TR
AMS
1084CM-2.5
AMS
1084S2-3.3
AMS
1084CM-3.3
AMS
1084S2-3.3TR
AMS
1084CM-3.3
AMS
1084S2-5.0
AMS
1084CM-5.0
AMS
1084S2-5.0TR
TO-263-2L
AMS
1084CM-5.0
VIN
ADJ/GND
Band
gap
TSD
Current
limit
Fixed
Adj
VO
A
F1
F2
: F1 and F2 connect, disconnect A
: A connect, F1 and F2 disconnect
VIN
20
V
TLEAD
260
°C
TJ
150
°C
TS
-65 ~ +150
V
PD
mW
ESD
2000
V
Note1: The maximum allowable power dissipation is a function of maximum operating junction temperature TJ
(max)
, the junction to ambient thermal resistance θJA, and the ambient temperature Tamb. The maximum
allowable power dissipation at any ambient temperature is given: PD (max) = (TJ (max) - Tamb)/θJA, exceeding the
maximum allowable power limit will result in excessive die temperature; thus, the regulator will go into thermal
shutdown. The junction to ambient thermal resistance θJA of different packages may be different, and the he
value of θJA depends on mounting technique.
AMS1084
PART NO
Package
Marking
Material
Packing Type
Pb free
Pb free
Pb free
Pb free
Pb free
Tube
Tube
Tape & Reel
Tape & Reel
Tape & Reel
BLOCK DIAGRAM
ABOSOLUTE MAXIMUM
RATINGS
Symbol
Characteristics
Unit
Ratings
Input Supply Voltage
Operating Junction Temperature Range
Lead Temperature (Soldering,5 Seconds)
Power Dissipation
Storage Temperature
Range
Internally Limited (Note1)
ESD Tolerance (Minimum)
3
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS1084S-1.8TR

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CD ADMOS-AMS1084CD Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CD ADMOS-AMS1084CD Datasheet
133Kb / 9P
   High Efficiency Linear Regulators
AMS1084CD-1.5 ADMOS-AMS1084CD-1.5 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1084S-1.8TR

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
   5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
   5A LDO regulator circuit
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
   BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com