Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2596T-XX Datasheet(PDF) 3 Page - Advanced Monolithic Systems Ltd

Part # AMS2596T-XX
Description  3.3V, 5V, 12Vand adjustable versions
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS2596T-XX Datasheet(HTML) 3 Page - Advanced Monolithic Systems Ltd

  AMS2596T-XX Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS2596T-XX Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS2596T-XX Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS2596T-XX Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS2596T-XX Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS2596T-XX Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS2596T-XX Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS2596T-XX Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS2596T-XX Datasheet HTML 9Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical Characteristics
Vin = 12V, IL= 500mA, Ta = 25oC unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
AMS2596-3.3V
Output Voltage (Note 1)
Vin=12V, IL=0.5A (Figure 1)
0.98|Vo|
3.3
1.02|Vo|
V
Output Voltage (Note 1)
0.5A ≤IL ≤2.5A, 6V ≤Vin ≤45V
(Figure 1)
0.96|Vo|
1.04|Vo|
Efficiency
Vin=12V, IL=2.5A
--
75
--
%
AMS2596-5V
Output Voltage (Note 1)
Vin=12V, IL=0.5A(Figure 1)
0.98|Vo|
5.0
1.02|Vo|
V
Output Voltage (Note 1)
0.5A ≤IL ≤2.5A, 8V ≤Vin ≤45V
(Figure 1)
0.96|Vo|
1.04|Vo|
Efficiency
Vin=12V, IL=2.5A
--
77
--
%
AMS2596-12V
Output Voltage (Note 1)
Vin=25V, IL=0.5A (Figure 1)
0.98|Vo|
12
1.02|Vo|
V
Output Voltage(Note 1)
0.5A ≤IL ≤2.5A, 15V ≤Vin ≤45V
(Figure 1)
0.96|Vo|
1.04|Vo|
Efficiency
Vin=15V, IL=2.5A
--
88
--
%
AMS2596
Feedback Voltage
(Note 1)
Vin=12V, Vout=5V,IL=0.5A
(Figure 2)
0.98|Vo|
1.23
1.02|Vo|
V
Feedback Voltage
(Note 1)
0.5A ≤IL ≤2.5A, 8V ≤Vin ≤45V,
Vout=5V (Figure 2)
0.96|Vo|
1.04|Vo|
Efficiency
Vin=12V, Vout=5V, IL=2.5A
--
77
--
%
AMS2596
3
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS2596T-XX

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2596T ADMOS-AMS2596T Datasheet
744Kb / 15P
   Internal compensation
More results

Similar Description - AMS2596T-XX

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2576 AMS-AMS2576 Datasheet
404Kb / 9P
   3.3V, 5V, 12Vand adjustable versions
logo
Texas Instruments
LM2596S-ADJ TI-LM2596S-ADJ Datasheet
4Mb / 42P
[Old version datasheet]   3.3V, 5V, 12V, and Adjustable Output Versions
LM1086CSX-3.3 TI-LM1086CSX-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   Available in 1.8V, 2.5V, 2.85V, 3.3V, 3.45V, 5V and Adjustable Versions
logo
Xilinx, Inc
XCS05 XILINX-XCS05 Datasheet
776Kb / 83P
   Available in both 5V and 3.3V versions
XCS10XL-4TQG144C XILINX-XCS10XL-4TQG144C Datasheet
766Kb / 83P
   Available in both 5V and 3.3V versions
logo
Murata Manufacturing Co...
7825335C MURATA-7825335C Datasheet
525Kb / 5P
   MAX253 Compatible Converter Transformers 3.3V and 5V versions
logo
Maxim Integrated Produc...
MAX649 MAXIM-MAX649 Datasheet
266Kb / 16P
   5V/3.3V/3V or Adjustable, High-Efficiency,
Rev 3; 9/97
logo
Texas Instruments
LP2950-N TI-LP2950-N Datasheet
1Mb / 43P
[Old version datasheet]   5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
logo
Gamma Microelectronics ...
GM6615X GAMMA-GM6615X Datasheet
718Kb / 17P
   Fixed and Adjustable Voltage Versions
logo
Semtech Corporation
EZ5Z3 SEMTECH-EZ5Z3 Datasheet
137Kb / 5P
   1A 5V to 3.3V or Adjustable Output EZ DROPPER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com