Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS73CAG01808RAUJI9H Datasheet(PDF) 7 Page - Advanced Monolithic Systems Ltd

Part # AMS73CAG01808RAUJI9H
Description  HIGH PERFORMANCE 1Gbit DDR3 SDRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS73CAG01808RAUJI9H Datasheet(HTML) 7 Page - Advanced Monolithic Systems Ltd

Back Button AMS73CAG01808RAUJI9H Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9H Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9H Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9H Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9H Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9H Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9H Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9H Datasheet HTML 10Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9H Datasheet HTML 11Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
AMS73CAG01808RA Rev. 1.0 December 2010
Mode Register MR0
The Mode Register MR0 stores the data for controlling various operating modes of DDR3 SDRAM. It con-
trols burst length, read burst type, CAS latency, test mode, DLL reset, WR and DLL control for precharge
power-down, which include various vendor specific options to make DDR3 SDRAM useful for various appli-
cations. The mode register is written by asserting low on CS, RAS, CAS, WE, BA0, BA1 and BA2, while
controlling the states of address pins according to the table below.
Address Field
A7
mode
0Normal
1Test
A3
Read Burst Type
0
Nibble Sequential
1Interleave
A8
DLL Reset
0No
1Yes
Mode Register 0
BA1
BA0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
TM
CAS Latency
RBT
DLL
0*1
WR
Write recovery for autoprecharge
A11
A10
A9
WR(cycles)
00
0
Reserved
00
1
5*2
01
0
6*2
01
1
7*2
10
0
8*2
10
1
10*2
11
0
12*2
11
1
Reserved
A13
0
BL
A1
A0
BL
0
0
8 (Fixed)
0
1
4 or 8(on the fly)
1
0
4 (Fixed)
11
Reserved
*1 : BA2 and A13 are reserved for future use and must be programmed to 0 during MRS.
*2 : WR(write recovery for autoprecharge)min in clock cycles is calculated by dividing tWR(in ns) by tCK(in ns) and rounding up to the
next integer: WRmin[cycles] = Roundup(tWR[ns]/tCK[ns]). The WR value in the mode register must be programmed to be equal or
larger than WRmin. The programmed WR value is used with tRP to determine tDAL.
BA2
0*1
BA1
BA0
MRS mode
00
MR0
01
MR1
10
MR2
11
MR3
A12
PPD
A12
DLL Control for
Precharge PD
0
Slow exit (DLL off)
1
Fast exit (DLL on)
CAS Latency
A6
A5
A4
A2
Latency
00
0
0
Reserved
00
1
0
5
01
0
0
6
01
1
0
7
10
0
0
8
10
1
0
9
11
0
0
10
11
1
0
11(Optional for
DDR3-1600)
CL
AMS73CAG01808RA


Similar Part No. - AMS73CAG01808RAUJI9H

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS73XX AMS-AMS73XX Datasheet
7Mb / 6P
   Low power consumption
More results

Similar Description - AMS73CAG01808RAUJI9H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com