Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM81005G Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # STM81005G
Description  1550 nm Laser in Coaxial Package with SM-Pigtail, Medium Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

STM81005G Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  STM81005G Datasheet HTML 1Page - Siemens Semiconductor Group STM81005G Datasheet HTML 2Page - Siemens Semiconductor Group STM81005G Datasheet HTML 3Page - Siemens Semiconductor Group STM81005G Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STM 81004X
STM 81005X
Semiconductor Group
4
Package Outlines (Dimensions in mm)
STM 81004X
STM 81005X


Similar Part No. - STM81005G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM810 STMICROELECTRONICS-STM810 Datasheet
255Kb / 18P
   Reset Circuit
STM810 STMICROELECTRONICS-STM810 Datasheet
424Kb / 21P
   Reset circuit
STM810LW16F STMICROELECTRONICS-STM810LW16F Datasheet
255Kb / 18P
   Reset Circuit
STM810LWX6F STMICROELECTRONICS-STM810LWX6F Datasheet
255Kb / 18P
   Reset Circuit
STM810MW16F STMICROELECTRONICS-STM810MW16F Datasheet
255Kb / 18P
   Reset Circuit
More results

Similar Description - STM81005G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STL81004X SIEMENS-STL81004X Datasheet
129Kb / 4P
   1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STH51004X SIEMENS-STH51004X Datasheet
128Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
STL51004X SIEMENS-STL51004X Datasheet
129Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL81007X SIEMENS-STL81007X Datasheet
550Kb / 4P
   1550 nm Laser in Receptacle Package, Low Power
STM51004X SIEMENS-STM51004X Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
logo
Optoway Technology Inc
FL-5340 OPTOWAY-FL-5340 Datasheet
92Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300_09 Datasheet
128Kb / 4P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300 Datasheet
101Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
logo
California Eastern Labs
NX8504BE-CC CEL-NX8504BE-CC Datasheet
111Kb / 5P
   1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
logo
List of Unclassifed Man...
FL-5100S ETC1-FL-5100S Datasheet
108Kb / 2P
   1550 nm LASER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com