Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1084S2-2.5 Datasheet(PDF) 7 Page - Advanced Monolithic Systems Ltd

Part # AMS1084S2-2.5
Description  5A LDO VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1084S2-2.5 Datasheet(HTML) 7 Page - Advanced Monolithic Systems Ltd

Back Button AMS1084S2-2.5 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 10Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 11Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Note: The above circuit and parameters are reference only, please set the parameters of the real application
circuit based on the real test.
AMS1084
Figure 2. Typical Adjustable Output Voltage
TYPICAL APPLICATION CIRCUIT
Figure 1. Typical Fixed Output Voltage
AMS1084
AMS1084-ADJ
Vin
Vin
Vin
R2
Vout
Vout
GND
ADJ
R1
10uF
10uF
22uF
22uF
Vout=Vref X (1+R2/R1) + Iadj X R2
Vout
Vout
Vin
7
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS1084S2-2.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CD ADMOS-AMS1084CD Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CD ADMOS-AMS1084CD Datasheet
133Kb / 9P
   High Efficiency Linear Regulators
AMS1084CD-1.5 ADMOS-AMS1084CD-1.5 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1084S2-2.5

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
   5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
   5A LDO regulator circuit
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
   BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com