Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS34063 Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS34063
Description  3V to 40V Input Voltage Operation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS34063 Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS34063 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS34063 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS34063 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS34063 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS34063 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS34063 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS34063 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS34063 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS34063 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Description
Symbol
Pin NO.
Description
SC
1
1.5A switch collector
SE
2
Darlington switch emitter
TC
3
Oscillator timing capacitor
GND
4
Power GND
FB
5
Feedback comparator inverting input
VCC
6
Power supply input
IPK
7
Highside current sense input, VCC - VIPK=300mV
DRI
8
Drive collector
Ordering Information
ORDERI NG NUM BER
PACKAGE
AMS34063
SOP8
AMS34063A
DIP8
Absolute Maximum Ratings
Supply Voltage
……………….……………………. ………………………………… ……40V
Comparator Input Voltage Range ……………………….……..………………………-0.3V~40V
Switch Collector Voltage
……………………………………………………………….
40V
Switch Emitter Voltage
…………………………………………………………………… 40V
Switch Collector to Emitter Voltage …………………………………………………….. .40V
Driver Collector Voltage
…………………………………………………………………….40V
Switch Current………………………………………………………………………………..1.5A
Power Dissipation and Thermal Characteristics
DIP Package
Ta= 25°C…………………………………………………………..1.0W
Thermal Resistance
……………………………………......
100°C /W
SO Package
Ta= 25°C
……………………………………………………625mW
Thermal Resistance ………………………………………...160°C /W
Operating Junction Temperature
………..…………………………………………………125°C
Operating Ambient Temperature Range ……...…………………………………….. 0°C~70°C
Storage Temperature Range
……………....……………………………………...
- 65°C~150°C
AMS34063
2
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS34063

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
AMS34063P ADMOS-AMS34063P Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
AMS34063S ADMOS-AMS34063S Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
More results

Similar Description - AMS34063

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA34063ADTF FAIRCHILD-KA34063ADTF Datasheet
48Kb / 6P
   Operation From 3.0 to 40V Input
logo
Maxim Integrated Produc...
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
MAX3161EEVKIT MAXIM-MAX3161EEVKIT Datasheet
145Kb / 7P
   3V to 5.5V Single-Supply Operation
Rev 0; 4/07
logo
Guangdong Youtai Semico...
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
M.S. Kennedy Corporatio...
MSK5500-15 MSK-MSK5500-15 Datasheet
491Kb / 5P
   Input Voltage from Vout Dropout to 40V
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
   Wide input voltage range 4.5V to 40V
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
List of Unclassifed Man...
PT3906 ETC2-PT3906 Datasheet
326Kb / 1P
   3V~18V operation
PT3905 ETC2-PT3905 Datasheet
328Kb / 1P
   3V~18V operation
logo
Maxim Integrated Produc...
MAX15049EVKIT MAXIM-MAX15049EVKIT Datasheet
837Kb / 7P
   Optional 4.5V to 5.5V Input-Voltage Operation
Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com