Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1085S2-3.3TR Datasheet(PDF) 10 Page - Advanced Monolithic Systems Ltd

Part # AMS1085S2-3.3TR
Description  3A LDO VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1085S2-3.3TR Datasheet(HTML) 10 Page - Advanced Monolithic Systems Ltd

Back Button AMS1085S2-3.3TR Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1085S2-3.3TR Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1085S2-3.3TR Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1085S2-3.3TR Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1085S2-3.3TR Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1085S2-3.3TR Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1085S2-3.3TR Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS1085S2-3.3TR Datasheet HTML 10Page - Advanced Monolithic Systems Ltd AMS1085S2-3.3TR Datasheet HTML 11Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
4.57±0.10
1.27
1.27±0.10
0~0.15
0.38
+
0.15
-
0.07
2.54TYP
10.16±0.15
0.81
PACKAGE OUTLINE
TO-263-2L
TO-263-3L
Unit: mm
Unit: mm
AMS1085
0.30~0.55
10.15+/-0.30
4.57+/-0.10
1.27+/-0.10
1.27+/-0.10
0~0.15
2.54TYP
0.81+/-0.10
4.98~5.18
10
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS1085S2-3.3TR

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085 ADMOS-AMS1085 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD-1.5 ADMOS-AMS1085CD-1.5 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1085S2-3.3TR

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
ELM1085DG-33-S ELM-TECH-ELM1085DG-33-S Datasheet
88Kb / 5P
   Bipolar 3A LDO Voltage regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com