Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3475 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3475
Description  Full-Featured LED Driver with 1.5A Switch Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3475 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3475 Datasheet HTML 6Page - Linear Technology LT3475 Datasheet HTML 7Page - Linear Technology LT3475 Datasheet HTML 8Page - Linear Technology LT3475 Datasheet HTML 9Page - Linear Technology LT3475 Datasheet HTML 10Page - Linear Technology LT3475 Datasheet HTML 11Page - Linear Technology LT3475 Datasheet HTML 12Page - Linear Technology LT3475 Datasheet HTML 13Page - Linear Technology LT3475 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3517
10
3517ff
Table 1 provides some recommended inductor vendors.
Table 1. Inductor Manufacturers
VENDOR
PHONE
WEB
Sumida
(408) 321-9660
www.sumida.com
Toko
(408) 432-8281
www.toko.com
Cooper
(561) 998-4100
www.cooperet.com
Vishay
(402) 563-6866
www.vishay.com
Input Capacitor Selection
For proper operation, it is necessary to place a bypass
capacitor to GND close to the VIN pin of the LT3517. A
1μF or greater capacitor with low ESR should be used. A
ceramic capacitor is usually the best choice.
In the buck mode configuration, the capacitor at the input
to the power converter has large pulsed currents due to
the current returned though the Schottky diode when the
switch is off. For best reliability, this capacitor should have
low ESR and ESL and have an adequate ripple current
rating. The RMS input current is:
IIN(RMS) = ILED •(1– D) • D
(8)
where D is the switch duty cycle. A 2.2μF ceramic type
capacitor is usually sufficient.
Output Capacitor Selection
The selection of output capacitor depends on the load
and converter configuration, i.e., step-up or step-down.
For LED applications, the equivalent resistance of the LED
is typically low, and the output filter capacitor should be
sized to attenuate the current ripple.
To achieve the same LED ripple current, the required filter
capacitor value is larger in the boost and buck-boost mode
applications than that in the buck mode applications. For
LED buck mode applications, a 1μF ceramic capacitor
is usually sufficient. For the LED boost and buck-boost
mode applications, a 2.2μF ceramic capacitor is usually
sufficient. Very high performance PWM dimming appli-
cations may require a larger capacitor value to support
the LED voltage during PWM transitions.
Use only ceramic capacitors with X7R, X5R or better dielec-
tric as they are best for temperature and DC bias stability
of the capacitor value. All ceramic capacitors exhibit loss
of capacitance value with increasing DC voltage bias, so it
may be necessary to choose a higher value capacitor to get
the required capacitance at the operation voltage. Always
check that the voltage rating of the capacitor is sufficient.
Table 2 shows some recommended capacitor vendors.
Table 2. Ceramic Capacitor Manufacturers
VENDOR
PHONE
WEB
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
AVX
(843) 448-9411
www.avxcorp.com
Murata
(770) 436-1300
www.murata.com
TDK
(847) 803-6100
www.tdk.com
Loop Compensation
The LT3517 uses an internal transconductance error ampli-
fier whose VC output compensates the control loop. The
external inductor, output capacitor, and the compensa-
tion resistor and capacitor determine the loop stability.
The inductor and output capacitor are chosen based on
performance, size and cost. The compensation resistor
and capacitor at VC are selected to optimize control loop
stability. For typical LED applications, a 10nF compensation
capacitor at VC is adequate and a series resistor is not
required. A compensation resistor may be used to increase
the slew rate on the VC pin to maintain tighter regulation
of LED current during fast transients on VIN or CTRL.
Diode Selection
The Schottky diode conducts current during the interval
when the switch is turned off. Select a diode rated for
the maximum SW voltage. If using the PWM feature for
dimming, it is important to consider diode leakage, which
increases with the temperature, from the output during the
PWM low interval. Therefore, choose the Schottky diode
with sufficiently low leakage current. Table 3 has some
recommended component vendors.
APPLICATIONS INFORMATION


Similar Part No. - LT3475

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475 LINER-LT3475 Datasheet
243Kb / 20P
   Dual Step-Down l 1.5A LED Driver
LT3475 LINER-LT3475 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3475 LINEAR_DIMENSIONS-LT3475 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Analog Devices
LT3475 AD-LT3475 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LT3475 AD-LT3475 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
More results

Similar Description - LT3475

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3518 LINER-LT3518_15 Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3518 LINER-LT3518 Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Linear Integrated Syste...
LT3518HFE LINEAR-LT3518HFE Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Maxic Technology Corpor...
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
   1.5A LED driver with internal switch
logo
Tontek Design Technolog...
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
   1.5A LED Driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com