Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3760 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3760
Description  8-Channel100mA LED Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3760 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3760_12 Datasheet HTML 6Page - Linear Technology LT3760_12 Datasheet HTML 7Page - Linear Technology LT3760_12 Datasheet HTML 8Page - Linear Technology LT3760_12 Datasheet HTML 9Page - Linear Technology LT3760_12 Datasheet HTML 10Page - Linear Technology LT3760_12 Datasheet HTML 11Page - Linear Technology LT3760_12 Datasheet HTML 12Page - Linear Technology LT3760_12 Datasheet HTML 13Page - Linear Technology LT3760_12 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LT3760
10
3760fc
operaTion
to define the turn on/off voltages for VIN. SHDN/UVLO pin
current switches from 2.4µA to 0µA when SHDN/UVLO
pin voltage exceeds 1.476V.
TheLT3760constantswitchingfrequencyisprogrammable
from 100kHz up to 1MHz using a single resistor at the RT
pin to ground. A SYNC pin is also provided to allow an
external clock to define the converter switching frequency.
The GATE output provides a
±0.8A peak gate drive for an
external N-channel power MOSFET to generate a boosted
output voltage VOUT using a single inductor, Schottky
diode and output capacitor. With LED strings connected
from VOUT to every LED pin, the lowest voltage on each
LED pin is monitored and compared to an internal 1V
reference. VOUT is regulated to ensure the lowest LED pin
voltage of any connected LED string is maintained at 1V.
If any of the LED strings are open, the LT3760 will ignore
the open LED pin. If all of the LED strings are open VOUT
charges up until a user programmable OVP (overvoltage
protection) level is reached. This programmable OVP level
allows the user to protect against LED damage when the
LED strings are opened and then reconnected.
Since the LT3760 boost controller uses a current mode
topology, the VC pin voltage determines the peak current
in the inductor of the converter and hence the duty cycle
of the GATE switching waveform. The basic loop uses a
pulse from an internal oscillator to set an RS flip-flop and
turn on the external power MOSFET. Current increases
in the MOSFET and inductor until the VC commanded
peak switch current is exceeded and the MOSFET is then
turned off. Inductor current is sensed during the GATE on
period by a sense resistor RS in the source of the external
N-channel power MOSFET. As with all current mode
converters, slope compensation is added to the control
path to ensure stability for duty cycles above 50%. Any
over current fault condition in the MOSFET turns off the
MOSFETandtriggerssoftstartinternally.Inthisfaultmode
the LT3760 only allows MOSFET turn-on approximately
every 2ms. This hiccup mode significantly reduces the
power rating required for the MOSFET.
LED current programming and dimming can be achieved
using the ISET, CTRL and PWM pins. A single resistor at
the ISET pin programs LED current. Analog dimming of
LED brightness is achieved using the CTRL pin below 1V.
PWM dimming of LED brightness is achieved by control-
ling the duty cycle of the PWM pin.
For robust operation the LT3760 monitors system
conditions and performs soft start for startup after any of
the following faults: VIN, SHDN or INTVCC voltages too low
or MOSFET current too high. The LT3760, when entering
these faults, discharges an internal soft start node and
prevents switching at the GATE pin. When exiting these
faults the LT3760 ramps up an internal soft start node to
controlVCpinvoltageriseandhencecontrolMOSFETpeak
switchcurrentrise.Inadditionthesoftstartperiodgradually
ramps up switching frequency from approximately 33%
to 100% of full scale.
The LT3760 monitors each LED pin voltage. If the LED
string has an open fault (V(LEDX)<0.5V) the FAULT flag
is pulled low.
For LED protection, the LT3760 CTRL pin allows an LED
current derating curve to be programmed versus the
ambient temperature of the LED strings. An NTC resistor
placed close to the LEDs decreases CTRL pin voltage and
hence decreases LED current as LED ambient temperature
increases.
The LT3760 also allows it’s own junction temperature
to be monitored and regulated by derating LED currents
when a junction temperature programmed by the TSET
pin is exceeded.


Similar Part No. - LT3760_12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3760 LINER-LT3760_15 Datasheet
429Kb / 32P
   8-Channel 100mA LED Driver
More results

Similar Description - LT3760_12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3760 LINER-LT3760 Datasheet
431Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3760 LINER-LT3760_15 Datasheet
429Kb / 32P
   8-Channel 100mA LED Driver
logo
AIMTEC
AMLB-IZ AIMTEC-AMLB-IZ Datasheet
331Kb / 3P
   100mA | LED Driver
AMLB-IZ AIMTEC-AMLB-IZ_16 Datasheet
160Kb / 3P
   100mA | LED Driver
logo
Linear Technology
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
   16-Channel 횞 50mA LED Driver
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
   8-Channel LED Driver
ISL97636IRZ INTERSIL-ISL97636IRZ Datasheet
653Kb / 18P
   8-Channel LED Driver
May 9, 2008
logo
Renesas Technology Corp
ISL97636 RENESAS-ISL97636 Datasheet
1Mb / 18P
   8-Channel LED Driver
logo
Asahi Kasei Microsystem...
AP4201 AKM-AP4201 Datasheet
858Kb / 27P
   27ch 100mA LED Driver IC
AP4203 AKM-AP4203 Datasheet
863Kb / 28P
   15ch 100mA LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com