Electronic Components Datasheet Search |
|
AMS73CAG01408RALJH8H Datasheet(PDF) 10 Page - Advanced Monolithic Systems Ltd |
|
AMS73CAG01408RALJH8H Datasheet(HTML) 10 Page - Advanced Monolithic Systems Ltd |
10 / 31 page 10 AMS73CAG01808RA Rev. 1.0 December 2010 Mode Register MR3 The Mode Register MR3 controls Multi Purpose Registers (MPR). The Mode Register 3 is written by assert- ing low on CS, RAS, CAS, WE, high on BA1 and BA0, and low on BA2 while controlling the states of address pins according to the table below. Mode Register 3 Address Field BA 1 BA 0 A 11 A 10 A 9 A 8 A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 1 A 13 1 0*1 BA 2 0*1 A 12 MPR Address A1 A0 MPR location 00 Predefined pattern*2 01 10 11 MPR Operation A2 MPR 0 Normal operation*3 1 Dataflow from MPR MPR Loc MPR * 1 : BA2, A3 - A13 are reserved for future use (RFU) and must be programmed to 0 during MRS. * 2 : The predefined pattern will be used for read synchronization. * 3 : When MPR control is set for normal operation, MR3 A[2] = 0, MR3 A[1:0] will be ignored BA1 BA0 MRS mode 00 MR0 01 MR1 10 MR2 11 MR3 RFU RFU RFU AMS73CAG01808RA |
Similar Part No. - AMS73CAG01408RALJH8H |
|
Similar Description - AMS73CAG01408RALJH8H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |