Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3957 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3957
Description  Wide Input Voltage Range
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3957 Datasheet(HTML) 3 Page - Linear Technology

  LT3957 Datasheet HTML 1Page - Linear Technology LT3957 Datasheet HTML 2Page - Linear Technology LT3957 Datasheet HTML 3Page - Linear Technology LT3957 Datasheet HTML 4Page - Linear Technology LT3957 Datasheet HTML 5Page - Linear Technology LT3957 Datasheet HTML 6Page - Linear Technology LT3957 Datasheet HTML 7Page - Linear Technology LT3957 Datasheet HTML 8Page - Linear Technology LT3957 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LT3759
3
3759fb
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
l
1.6
42
V
VIN Shutdown IQ
EN/UVLO < 0.4V
EN/UVLO = 1.15V
0.1
1
6
μA
μA
VIN Operating IQ
350
450
μA
DRIVE Shutdown Quiescent Current
EN/UVLO < 0.4V
EN/UVLO = 1.15V
0.1
0.1
1
2
μA
μA
DRIVE Quiescent Current (Not Switching)
RT = 27.4kΩ, DRIVE = 6V
2.0
2.5
mA
SENSE Current Limit Threshold
l
46
50
54
mV
SENSE Input Bias Current
Current Out of Pin
–55
μA
Error Amplifier
FBX Regulation Voltage (VFBX(REG))
FBX > 0V
FBX < 0V
l
l
1.580
–0.815
1.6
–0.80
1.620
–0.785
V
V
FBX Pin Input Current
FBX = 1.6V
FBX = –0.8V
–10
60
120
10
nA
nA
Transconductance gm (ΔI2/ΔVFBX)
FBX = VFBX(REG)
240
μs
VC Output Impedance
5MΩ
FBX Line Regulation [ΔVFBX(REG)/(ΔVIN • VFBX(REG))]
1.6V < VIN < 42V, FBX >0
1.6V < VIN < 42V, FBX <0
0.02
0.02
0.05
0.05
%/V
%/V
VC Current Mode Gain (ΔVVC/ΔVSENSE)
5V/V
VC Source Current
FBX = 0V, VC = 1.3V
–13
μA
VC Sink Current
FBX = 1.7V, VC = 1.3V
FBX = –0.85V, VC = 1.3V
13
10
μA
μA
Oscillator
Switching Frequency
RT = 27.4k to GND, VFBX = 1.6V
RT = 86.6k to GND, VFBX = 1.6V
RT = 6.81k to GND, VFBX = 1.6V
270
300
100
1000
330
kHz
kHz
kHz
RT Voltage
FBX = 1.6V, –0.8V
1.2
V
GATE Minimum Off-Time
170
200
ns
GATE Minimum On-Time
170
200
ns
SYNC Input Low
l
0.4
V
SYNC Input High
l
1.5
V
SS Pull-Up Current
SS = 0V, Current Out of Pin
l
–14
–10.5
–7
μA
Low Dropout Regulators (DRIVE LDO and VIN LDO)
DRIVE LDO Regulation Voltage
DRIVE = 6V
l
4.6
4.75
4.9
V
VIN LDO Regulation Voltage
DRIVE = 0V
l
3.6
3.75
3.9
V
DRIVE LDO Current Limit
INTVCC = 4V
60
mA
VIN LDO Current Limit
DRIVE = 0V, INTVCC = 3V
60
mA
DRIVE LDO Load Regulation (ΔVINTVCC/VINTVCC)
0 < IINTVCC < 20mA, DRIVE = 6V
–1
–0.6
%
VIN LDO Load Regulation (ΔVINTVCC/VINTVCC)
DRIVE = 0V, 0 < IINTVCC < 20mA
–1
–0.6
%
DRIVE LDO Line Regulation [ΔVINTVCC/(VINTVCC • ΔVIN)] 1.6V < VIN < 42V, DRIVE = 6V
0.03
0.07
%/V
VIN LDO Line Regulation [ΔVINTVCC/(VINTVCC • ΔVIN)]
DRIVE = 0V, 5V < VIN < 42V
0.03
0.07
%/V
DRIVE LDO Dropout Voltage (VDRIVE – VINTVcc)
DRIVE = 4V, IINTVCC = 20mA
l
190
400
mV
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, EN/UVLO = 12V, INTVCC = 4.75V, unless otherwise noted.


Similar Part No. - LT3957

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957 Datasheet
277Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3957 LINER-LT3957 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT3957 LINER-LT3957 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
LT3957 LINER-LT3957 Datasheet
423Kb / 24P
   Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
More results

Similar Description - LT3957

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
   Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
   Wide input voltage range
logo
MORNSUN Science& Techno...
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
   Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
   Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
   Ultra wide input voltage range
logo
Astec America, Inc
AEW ASTEC-AEW Datasheet
1Mb / 46P
   Two wide input voltage range
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
   Ultra-wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com