Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3756-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3756-1
Description  8-Channel100mA LED Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3756-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3756-1 Datasheet HTML 7Page - Linear Technology LT3756-1 Datasheet HTML 8Page - Linear Technology LT3756-1 Datasheet HTML 9Page - Linear Technology LT3756-1 Datasheet HTML 10Page - Linear Technology LT3756-1 Datasheet HTML 11Page - Linear Technology LT3756-1 Datasheet HTML 12Page - Linear Technology LT3756-1 Datasheet HTML 13Page - Linear Technology LT3756-1 Datasheet HTML 14Page - Linear Technology LT3756-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LT3760
11
3760fc
INTVCC Regulator Bypassing and Operation
The INTVCC pin is the output of an internal linear regula-
tor driven from VIN and is the supply for the LT3760 gate
driver. The INTVCC pin should be bypassed with a 10V
rated 4.7µF low ESR, X7R or X5R ceramic capacitor to
ensure stability and to provide enough charge for the gate
driver. For high enough VIN levels the INTVCC pin provides
a regulated 7V supply. Make sure INTVCC voltage does
not exceed the VGS rating of the external MOSFET driven
by the GATE pin. For low VIN levels the INTVCC level will
depend on VIN and the voltage drop of the regulator. The
INTVCC regulator has an undervoltage lockout which
prevents gate driver switching until INTVCC reaches 3.8V
and maintains switching until INTVCC falls below 3.4V.
This feature prevents excessive power dissipation in the
external MOSFET by ensuring a minimum gate drive level
to keep RDS(ON) low. The INTVCC regulator has a current
limit of 40mA to limit power dissipation inside the I.C.
Thiscurrentlimitshouldbeconsideredwhenchoosingthe
N-channel power MOSFET and the switching frequency.
The average current load on the INTVCC pin due to the
LT3760 gate driver can be calculated as:
IINTVCC = Qg • fOSC
where Qg is the gate charge (at VGS = INTVCC) specified
for the MOSFET and fosc is the switching frequency of the
LT3760 boost converter. It is possible to drive the INTVCC
pin from a variety of external sources in order to remove
power dissipation from the LT3760 and/or to remove the
INTVCC current limitation of 40mA. An external supply for
INTVCC should never exceed the VIN pin voltage or the
maximum INTVCC pin rating of 13V. If INTVCC is shorted
to the VIN pin, VIN operational range is 4.5V to 13V.
applicaTions inForMaTion
Inductor
A list of inductor manufacturers is given in Table 1. How-
ever, there are many other manufacturers and inductors
that can be used. Consult each manufacturer for more
detailed information and their entire range of parts. Ferrite
cores should be used to obtain the best efficiency. Choose
an inductor that can handle the necessary peak current
without saturating. Also ensure that the inductor has a
low DCR (copper-wire resistance) to minimize I2R power
losses. Values between 2.2µH and 33µH will suffice for
most applications. The typical inductor value required for
a given application (assuming 50% inductor ripple current
for example) can be calculated as:
L
=
1
- 1
VOUT
VIN
• 1
fOSC
• VIN
0.5 • VOUT
VIN
• ILEDx • 8
where:
VOUT = (N • VF) + 1V
(N = number of LEDs per string),
VF = LED forward voltage drop,
ILEDx = LED current per string
Example: For a 12W LED driver application requiring 8
strings of 10 LEDs each driven with 40mA, and choos-
ing VIN = 12V, VOUT = (3.75V •10) +1V = 38.5V, ILEDx =
40mA and fOSC = 1MHz the value for L is calculated as
L
=
(1
- 1
3.2
) • 1
106
• 12V
0.5 • 3.2 • 40mA • 8
= 16.5µH


Similar Part No. - LT3756-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3756-1 LINER-LT3756-1 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3756-1 LINER-LT3756-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
logo
Analog Devices
LT3756-1 AD-LT3756-1 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LT3756-1 AD-LT3756-1 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
LT3756-1 AD-LT3756-1 Datasheet
2Mb / 30P
   60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. 0
More results

Similar Description - LT3756-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3760 LINER-LT3760 Datasheet
431Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3760 LINER-LT3760_15 Datasheet
429Kb / 32P
   8-Channel 100mA LED Driver
logo
AIMTEC
AMLB-IZ AIMTEC-AMLB-IZ Datasheet
331Kb / 3P
   100mA | LED Driver
AMLB-IZ AIMTEC-AMLB-IZ_16 Datasheet
160Kb / 3P
   100mA | LED Driver
logo
Linear Technology
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
   16-Channel 횞 50mA LED Driver
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
   8-Channel LED Driver
ISL97636IRZ INTERSIL-ISL97636IRZ Datasheet
653Kb / 18P
   8-Channel LED Driver
May 9, 2008
logo
Renesas Technology Corp
ISL97636 RENESAS-ISL97636 Datasheet
1Mb / 18P
   8-Channel LED Driver
logo
Asahi Kasei Microsystem...
AP4201 AKM-AP4201 Datasheet
858Kb / 27P
   27ch 100mA LED Driver IC
AP4203 AKM-AP4203 Datasheet
863Kb / 28P
   15ch 100mA LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com