Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3517 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3517
Description  Full-Featured LED Driver with 1.5A Switch Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3517 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3517 Datasheet HTML 3Page - Linear Technology LT3517 Datasheet HTML 4Page - Linear Technology LT3517 Datasheet HTML 5Page - Linear Technology LT3517 Datasheet HTML 6Page - Linear Technology LT3517 Datasheet HTML 7Page - Linear Technology LT3517 Datasheet HTML 8Page - Linear Technology LT3517 Datasheet HTML 9Page - Linear Technology LT3517 Datasheet HTML 10Page - Linear Technology LT3517 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3517
7
3517ff
BLOCK DIAGRAM
1V
CTRL
1.01V
1V
1V
9μA
VIN
+
+
+
+
A1
X10
RSENSE
ISP
ISN
PVIN
PWM
LED ARRAY
A3
A2
SS
+
+
A4
+
+
A5
+
A7
2V
3517 F01
A6
S
MAIN SWITCH
DRIVER
ERROR
AMPLIFIER
CURRENT
SENSE
AMPLIFIER
PWM
COMPARATOR
R
Q1
POWER
SWITCH
Q
TG
VISP
VISP – 7V
MOSFET DRIVER
TGEN
CFILT
SW
GND
CIN
SHDN
FB
VC
SYNC
SS
RT
VIN
FREQ
ADJUST
A8
VREF
RAMP
GENERATOR
2.5MHz TO 250kHz
OSCILLATOR
+
100μA
VIN
Q2
Figure 1. Buck Mode LED Driver


Similar Part No. - LT3517

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3517 LINER-LT3517 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Analog Devices
LT3517 AD-LT3517 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LT3517 AD-LT3517 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
More results

Similar Description - LT3517

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3518 LINER-LT3518_15 Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3518 LINER-LT3518 Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Linear Integrated Syste...
LT3518HFE LINEAR-LT3518HFE Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Maxic Technology Corpor...
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
   1.5A LED driver with internal switch
logo
Tontek Design Technolog...
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
   1.5A LED Driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com