Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS73CAG01808RAUJI9E Datasheet(PDF) 10 Page - Advanced Monolithic Systems Ltd

Part # AMS73CAG01808RAUJI9E
Description  HIGH PERFORMANCE 1Gbit DDR3 SDRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS73CAG01808RAUJI9E Datasheet(HTML) 10 Page - Advanced Monolithic Systems Ltd

Back Button AMS73CAG01808RAUJI9E Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9E Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9E Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9E Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9E Datasheet HTML 10Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9E Datasheet HTML 11Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9E Datasheet HTML 12Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9E Datasheet HTML 13Page - Advanced Monolithic Systems Ltd AMS73CAG01808RAUJI9E Datasheet HTML 14Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
AMS73CAG01808RA Rev. 1.0 December 2010
Mode Register MR3
The Mode Register MR3 controls Multi Purpose Registers (MPR). The Mode Register 3 is written by assert-
ing low on CS, RAS, CAS, WE, high on BA1 and BA0, and low on BA2 while controlling the states of
address pins according to the table below.
Mode Register 3
Address Field
BA
1
BA
0
A
11
A
10
A
9
A
8
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
1
A
13
1
0*1
BA
2
0*1
A
12
MPR Address
A1
A0
MPR location
00
Predefined pattern*2
01
10
11
MPR Operation
A2
MPR
0
Normal operation*3
1
Dataflow from MPR
MPR Loc
MPR
* 1 : BA2, A3 - A13 are reserved for future use (RFU) and must be programmed to 0 during MRS.
* 2 : The predefined pattern will be used for read synchronization.
* 3 : When MPR control is set for normal operation, MR3 A[2] = 0, MR3 A[1:0] will be ignored
BA1
BA0
MRS mode
00
MR0
01
MR1
10
MR2
11
MR3
RFU
RFU
RFU
AMS73CAG01808RA


Similar Part No. - AMS73CAG01808RAUJI9E

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS73XX AMS-AMS73XX Datasheet
7Mb / 6P
   Low power consumption
More results

Similar Description - AMS73CAG01808RAUJI9E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com