Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2241-12 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2241-12
Description  Dual 14-Bit 250Msps
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2241-12 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2241-12 Datasheet HTML 2Page - Linear Technology LTC2241-12 Datasheet HTML 3Page - Linear Technology LTC2241-12 Datasheet HTML 4Page - Linear Technology LTC2241-12 Datasheet HTML 5Page - Linear Technology LTC2241-12 Datasheet HTML 6Page - Linear Technology LTC2241-12 Datasheet HTML 7Page - Linear Technology LTC2241-12 Datasheet HTML 8Page - Linear Technology LTC2241-12 Datasheet HTML 9Page - Linear Technology LTC2241-12 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LTC2157-14/
LTC2156-14/LTC2155-14
6
21576514fa
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2157-14: Integral Nonlinearity
(INL)
LTC2157-14: Differential Nonlinearity
(DNL)
LTC2157-14: 32K Point FFT,
fIN = 15MHz, –1dBFS, 250Msps
LTC2157-14: 32K Point FFT,
fIN = 70MHz, –1dBFS, 250Msps
LTC2157-14: 32K Point FFT,
fIN = 122MHz, –1dBFS, 250Msps
LTC2157-14: 32K Point FFT,
fIN = 907MHz, –1dBFS, 250Msps
LTC2157-14: 32K Point 2-Tone FFT,
fIN = 70.5MHz and 69.5MHz,
250Msps
LTC2157-14: 32K Point FFT,
fIN = 381MHz, –1dBFS, 250Msps
LTC2157-14: 32K Point FFT,
fIN = 171MHz, –1dBFS, 250Msps
OUTPUT CODE
0
–2.0
–1.5
–1.0
–0.5
0
0.5
2.0
1.5
1.0
4096
8192
12288
16383
21576514 G01
OUTPUT CODE
0
–0.5
–0.25
0
0.25
0.5
4096
8192
12288
16383
21576514 G02
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21576514 G03
100
120
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21576514 G04
100
120
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21576514 G05
100
120
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21576514 G06
100
120
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21576514 G07
100
120
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21576514 G08
100
120
–20
0
–120
–100
–80
–60
–40
0
20
40
60
80
21576514 G08a
100
120
–20
INPUT FREQUENCY (MHz)


Similar Part No. - LTC2241-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12 Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
LTC2241-12 LINER-LTC2241-12 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
More results

Similar Description - LTC2241-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2155-14 LINER-LTC2155-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-14 LINER-LTC2156-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Linear Technology
LTC2157-14 LINER-LTC2157-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Linear Technology
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2123 LINER-LTC2123_15 Datasheet
879Kb / 50P
   Dual 14-Bit 250Msps ADC with JESD204B Serial Outputs
LTC2152-14 LINER-LTC2152-14 Datasheet
4Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
logo
Intersil Corporation
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com