Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6703 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6703
Description  Ultralow Power Quad
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6703 Datasheet HTML 2Page - Linear Technology LT6703 Datasheet HTML 3Page - Linear Technology LT6703 Datasheet HTML 4Page - Linear Technology LT6703 Datasheet HTML 5Page - Linear Technology LT6703 Datasheet HTML 6Page - Linear Technology LT6703 Datasheet HTML 7Page - Linear Technology LT6703 Datasheet HTML 8Page - Linear Technology LT6703 Datasheet HTML 9Page - Linear Technology LT6703 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LTC1443/LTC1444/LTC1445
6
144345fe
Typical perForMance characTerisTics
Comparator Response Time
vs Input Overdrive
Comparator Response Time
vs Input Overdrive
Comparator Short-Circuit Sink
Current vs Supply Voltage
Comparator Response Time
vs Load Capacitance
Comparator Short-Circuit Source
Current vs Supply Voltage
Comparator Response Time at
Low Supply Voltage
Supply Current
vs Comparator Input Frequency
RESPONSE TIME (µs)
–1
100
0
1
6
4
5
144345 G10
0
2
0
10
8
2
3
4
100mV
10mV
50mV
20mV
TA = 25°C
RESPONSE TIME (µs)
–1
0
0
1
6
14
18
5
144345 G11
100
2
10
4
12
16
0
8
2
3
4
100mV
10mV
50mV
20mV
TA = 25°C
SUPPLY VOLTAGE (V)
0
200
180
160
140
120
100
80
60
40
20
0
8
144345 G12
2
1
3
5
7
9
4
6
10
OUT CONNECTED TO V+
TA = 25°C
SUPPLY VOLTAGE (V)
0
3
5
144345 G13
1
2
4
160
140
120
100
80
60
40
20
0
OUT CONNECTED TO
V= GND = 0V
LOAD CAPACITANCE (nF)
0
12
10
8
6
4
2
80
144345 G14
20
40
60
100
tPHL
tPLH
INPUT FREQUENCY (Hz)
1
10000
1000
100
10
1
100
10k
100k
10
1k
144345 G15
COUT = 55pF
COUT = 15pF
COUT = 5pF
SUPPLY VOLTAGE (V)
1
10000
1000
100
10
1
1.2
1.4
1.6
1.1
1.3
1.5
144345 G16
20mV OVERDRIVE
100mV OVERDRIVE


Similar Part No. - LT6703

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1444 LINER-LTC1444_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
LTC1443 LINER-LTC1443 Datasheet
176Kb / 12P
   Ultralow Power Quad Comparators with Reference
LTC1443 LINER-LTC1443_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
LTC1443CDHD LINER-LTC1443CDHD Datasheet
202Kb / 14P
   Ultralow Power Quad omparators with Reference
LTC1445 LINER-LTC1445_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
logo
Texas Instruments
TLV704 TI1-TLV704_16 Datasheet
896Kb / 22P
[Old version datasheet]   Ultralow Power Microcontrollers
ADS41B29 TI1-ADS41B29 Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
logo
List of Unclassifed Man...
PL8332 ETC2-PL8332 Datasheet
475Kb / 2P
   Ultralow power consumption
CXG1180EQ ETC1-CXG1180EQ Datasheet
55Kb / 2P
   Ultralow Loss GSM Quad-Band Antenna Switch Module
logo
STMicroelectronics
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
   Quad, ultralow voltage supervisor with push-button reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com