Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1407A-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1407A-1
Description  Serial 12-Bit/14-Bit, 3.5Msps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407A-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1407A-1 Datasheet HTML 3Page - Linear Technology LTC1407A-1 Datasheet HTML 4Page - Linear Technology LTC1407A-1 Datasheet HTML 5Page - Linear Technology LTC1407A-1 Datasheet HTML 6Page - Linear Technology LTC1407A-1 Datasheet HTML 7Page - Linear Technology LTC1407A-1 Datasheet HTML 8Page - Linear Technology LTC1407A-1 Datasheet HTML 9Page - Linear Technology LTC1407A-1 Datasheet HTML 10Page - Linear Technology LTC1407A-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC2356-12/LTC2356-14
7
2356fb
2356 G07
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
–0.6
0.6
0.8
0.2
12288
16384
OUTPUT CODE
0
0
1
2
16384
2356 G08
–1
–2
–4
4096
8192
12288
–3
4
3
CONVERSION RATE (Msps)
2.0
73
74
75
3.6
2356 G10
72
71
70
2.2 2.4 2.6 2.8 3 3.2 3.4
3.8 4.0
CONVERSION RATE (Msps)
2.0
3
4
2
1
0
–1
–2
–3
–4
3.6
2356 G09
2.4
2.8
3.2
4.0
3.4
2.2
2.6
3.0
3.8
MAX INL
MIN INL
MAX DNL
MIN DNL
FREQUENCY (Hz)
1M
10M
100M
1G
–18
–12
–6
0
2356 G11
–24
–30
–36
6
12
FREQUENCY (Hz)
100
0
–20
–40
–60
–80
–100
–120
1k
10k
100k
1M
2356 G12
10M 100M
TYPICAL PERFORMANCE CHARACTERISTICS
SINAD vs Conversion Rate, Input
Frequency = 1.4MHz
Differential and Integral Linearity
vs Conversion Rate
2.5VP-P Power Bandwidth
CMRR vs Frequency
Differential Linearity vs Output Code
Integral Linearity vs Output Code
TA = 25°C, VDD = 3.3V (LTC2356-14)


Similar Part No. - LTC1407A-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1407A-1 LINER-LTC1407A-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1407A-1 LINER-LTC1407A-1 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC1407A-1 LINER-LTC1407A-1 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC1407A-1 LINER-LTC1407A-1 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
More results

Similar Description - LTC1407A-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12 Datasheet
266Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14 Datasheet
464Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_09 Datasheet
294Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1_12 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com