Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5575 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5575
Description  16-Bit, 20Msps Low Power ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5575 Datasheet(HTML) 1 Page - Linear Technology

  LTC5575 Datasheet HTML 1Page - Linear Technology LTC5575 Datasheet HTML 2Page - Linear Technology LTC5575 Datasheet HTML 3Page - Linear Technology LTC5575 Datasheet HTML 4Page - Linear Technology LTC5575 Datasheet HTML 5Page - Linear Technology LTC5575 Datasheet HTML 6Page - Linear Technology LTC5575 Datasheet HTML 7Page - Linear Technology LTC5575 Datasheet HTML 8Page - Linear Technology LTC5575 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC2159
1
2159f
Typical applicaTion
DescripTion
16-Bit, 20Msps
Low Power ADC
TheLTC®2159isasampling16-bitA/Dconverterdesigned
for digitizing high frequency, wide dynamic range signals.
It is perfect for demanding communications applications
with AC performance that includes 77dB SNR and 90dB
spurious free dynamic range (SFDR). Ultralow jitter of
0.07psRMS allows undersampling of IF frequencies with
excellent noise performance.
DC specs include ±2LSB INL (typ), ±0.5LSB DNL (typ)
and no missing codes over temperature. The transition
noise is 3.2LSBRMS.
The digital outputs can be either full rate CMOS, double
data rate CMOS, or double data rate LVDS. A separate
output power supply allows the CMOS output swing to
range from 1.2V to 1.8V.
The ENC+ and ENCinputs may be driven differentially
or single-ended with a sine wave, PECL, LVDS, TTL, or
CMOS inputs. An optional clock duty cycle stabilizer al-
lows high performance at full speed for a wide range of
clock duty cycles.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Integral Non-Linearity (INL)
FeaTures
applicaTions
n
77dB SNR
n
90dB SFDR
n
Low Power: 43mW
n
Single 1.8V Supply
n
CMOS, DDR CMOS, or DDR LVDS Outputs
n
Selectable Input Ranges: 1VP-P to 2VP-P
n
550MHz Full Power Bandwidth S/H
n
Optional Data Output Randomizer
n
Optional Clock Duty Cycle Stabilizer
n
Shutdown and Nap Modes
n
Serial SPI Port for Configuration
n
48-Lead (7mm
× 7mm) QFN Package
n
Communications
n
Cellular Base Stations
n
Software Defined Radios
n
Portable Medical Imaging
n
Multichannel Data Acquisition
n
Nondestructive Testing
S/H
OUTPUT
DRIVERS
16-BIT
ADC CORE
CLOCK
CONTROL
D15
D0
20MHz
CLOCK
ANALOG
INPUT
2159 TA01a
CMOS
DDR CMOS OR
DDR LVDS
OUTPUTS
1.8V
VDD
1.8V
OVDD
GND
OGND
OUTPUT CODE
0
–4.0
–3.0
–2.0
–1.0
0
1.0
4.0
3.0
2.0
16384
32768
49152
65536
2159 TA01b


Similar Part No. - LTC5575

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5575 LINER-LTC5575 Datasheet
805Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC5575 LINER-LTC5575 Datasheet
1Mb / 36P
   12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC5575 LINER-LTC5575 Datasheet
1,020Kb / 36P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC5575 LINER-LTC5575 Datasheet
899Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs Serial SPI Port for Configuration
LTC5575 LINER-LTC5575 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
More results

Similar Description - LTC5575

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2271 LINER-LTC2271_15 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com