Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC485 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC485
Description  20Mbps RS485 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485 Datasheet(HTML) 5 Page - Linear Technology

  LTC485 Datasheet HTML 1Page - Linear Technology LTC485 Datasheet HTML 2Page - Linear Technology LTC485 Datasheet HTML 3Page - Linear Technology LTC485 Datasheet HTML 4Page - Linear Technology LTC485 Datasheet HTML 5Page - Linear Technology LTC485 Datasheet HTML 6Page - Linear Technology LTC485 Datasheet HTML 7Page - Linear Technology LTC485 Datasheet HTML 8Page - Linear Technology LTC485 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC2859/LTC2861
5
285961fc
Figure 1. Driver DC Characteristics
Figure 2. Driver Output Short-Circuit Current
Figure 4. Driver Enable and Disable Timing Measurement
Figure 3. Driver Timing Measurement
TesT circuiTs
GND
OR
VCC
+
VOC
R
R
Z
Y
GND
OR
VCC
DI
DRIVER
+
VOD
–7V to +12V
Z
Y
DI
DRIVER
IOSD
+
2859/61 F01-2
1/2 VO
tSKEWD, tSKEWDS
tPLHD,
tPLHDS
tPHLD,
tPHLDS
tRD,
tRDS
tFD,
tFDS
VO
OV
VCC
RDIFF
CL
CL
Z
Y
Y, Z
DI
(Y-Z)
2859/61 F03
DRIVER
0
0
90%
10%
90%
10%
DI
1/2 VCC
1/2 VCC
1/2 VCC
tZLD,
tZLDS,
tZLSD,
tZLSDS
tZHD,
tZHDS,
tZHSD,
tZHSDS
tLZD,
tLZDS
0.5V
0.5V
tHZD,
tHZDS,
tSHDN,
tSHDNS
VO
OV
VCC
VCC
GND
OR
VCC
VCC
OR
GND
RL
RL
CL
CL
Z
Y
DE
VCC
OR
GND
VOL
VOH
Y or Z
DE
Z or Y
OV
2859/61 F04
DI
DRIVER


Similar Part No. - LTC485

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC485 LINER-LTC485 Datasheet
327Kb / 12P
   Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485 Datasheet
282Kb / 12P
   Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485 Datasheet
308Kb / 14P
   Low Power RS485 Interface Transceiver
LTC485C LINER-LTC485C Datasheet
327Kb / 12P
   Low Power RS485 Interface Transceiver
LTC485CJ8 LINER-LTC485CJ8 Datasheet
327Kb / 12P
   Low Power RS485 Interface Transceiver
More results

Similar Description - LTC485

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2857-1 LINER-LTC2857-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com