Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3642 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3642
Description  Ultralow Voltage Step-Up Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3642 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3642 Datasheet HTML 5Page - Linear Technology LTC3642 Datasheet HTML 6Page - Linear Technology LTC3642 Datasheet HTML 7Page - Linear Technology LTC3642 Datasheet HTML 8Page - Linear Technology LTC3642 Datasheet HTML 9Page - Linear Technology LTC3642 Datasheet HTML 10Page - Linear Technology LTC3642 Datasheet HTML 11Page - Linear Technology LTC3642 Datasheet HTML 12Page - Linear Technology LTC3642 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTC3108
9
3108fb
OPERATION
Oscillator
The LTC3108 utilizes a MOSFET switch to form a resonant
step-up oscillator using an external step-up transformer
and a small coupling capacitor. This allows it to boost input
voltages as low as 20mV high enough to provide multiple
regulated output voltages for powering other circuits. The
frequency of oscillation is determined by the inductance of
the transformer secondary winding and is typically in the
range of 10kHz to 100kHz. For input voltages as low as
20mV, a primary-secondary turns ratio of about 1:100 is
recommended. For higher input voltages, this ratio can be
lower. See the Applications Information section for more
information on selecting the transformer.
Charge Pump and Rectifier
The AC voltage produced on the secondary winding of
the transformer is boosted and rectified using an external
charge pump capacitor (from the secondary winding to pin
C1) and the rectifiers internal to the LTC3108. The rectifier
circuit feeds current into the VAUX pin, providing charge
to the external VAUX capacitor and the other outputs.
VAUX
The active circuits within the LTC3108 are powered from
VAUX, which should be bypassed with a 1μF capacitor.
Larger capacitor values are recommended when using
turns ratios of 1:50 or 1:20 (refer to the Typical Applica-
tion examples). Once VAUX exceeds 2.5V, the main VOUT
is allowed to start charging.
An internal shunt regulator limits the maximum voltage
on VAUX to 5.25V typical. It shunts to GND any excess
current into VAUX when there is no load on the converter
or the input source is generating more power than is
required by the load.
Voltage Reference
The LTC3108 includes a precision, micropower reference,
for accurate regulated output voltages. This reference
becomes active as soon as VAUX exceeds 2V.
Synchronous Rectifiers
Once VAUX exceeds 2V, synchronous rectifiers in parallel
with each of the internal diodes take over the job of rectify-
ing the input voltage, improving efficiency.
Low Dropout Linear Regulator (LDO)
The LTC3108 includes a low current LDO to provide a
regulated 2.2V output for powering low power proces-
sors or other low power ICs. The LDO is powered by the
higher of VAUX or VOUT. This enables it to become active
as soon as VAUX has charged to 2.3V, while the VOUT stor-
age capacitor is still charging. In the event of a step load
on the LDO output, current can come from the main VOUT
capacitor if VAUX drops below VOUT. The LDO requires
a 2.2μF ceramic capacitor for stability. Larger capacitor
values can be used without limitation, but will increase
the time it takes for all the outputs to charge up. The LDO
output is current limited to 4mA minimum.
VOUT
The main output voltage on VOUT is charged from the VAUX
supply, and is user programmed to one of four regulated
voltages using the voltage select pins VS1 and VS2, ac-
cording to Table 2. Although the logic threshold voltage
for VS1 and VS2 is 0.85V typical, it is recommended that
they be tied to ground or VAUX.
Table 2. Regulated Voltage Using Pins VS1 and VS2
VS2
VS1
VOUT
GND
GND
2.35V
GND
VAUX
3.3V
VAUX
GND
4.1V
VAUX
VAUX
5V
When the output voltage drops slightly below the regulated
value, the charging current will be enabled as long as VAUX
is greater than 2.5V. Once VOUT has reached the proper
value, the charging current is turned off.
The internal programmable resistor divider sets VOUT,
eliminating the need for very high value external resistors
that are susceptible to board leakage.


Similar Part No. - LTC3642

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3642 LINER-LTC3642 Datasheet
281Kb / 20P
   High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
LTC3642 LINER-LTC3642 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3642 LINER-LTC3642 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3642 LINER-LTC3642 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LTC3642 LINER-LTC3642 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
More results

Similar Description - LTC3642

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3109 LINER-LTC3109_12 Datasheet
244Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_15 Datasheet
385Kb / 22P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1_15 Datasheet
406Kb / 24P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108 Datasheet
258Kb / 20P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108_10 Datasheet
1Mb / 22P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1 Datasheet
1Mb / 24P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109 Datasheet
334Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109_15 Datasheet
420Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com