Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6200-5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6200-5
Description  18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200-5 Datasheet(HTML) 1 Page - Linear Technology

  LT6200-5 Datasheet HTML 1Page - Linear Technology LT6200-5 Datasheet HTML 2Page - Linear Technology LT6200-5 Datasheet HTML 3Page - Linear Technology LT6200-5 Datasheet HTML 4Page - Linear Technology LT6200-5 Datasheet HTML 5Page - Linear Technology LT6200-5 Datasheet HTML 6Page - Linear Technology LT6200-5 Datasheet HTML 7Page - Linear Technology LT6200-5 Datasheet HTML 8Page - Linear Technology LT6200-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2369-18
1
236918fa
18-Bit, 1.6Msps, Pseudo-
Differential Unipolar SAR
ADC with 96.5dB SNR
TYPICAL APPLICATION
FEATURES
DESCRIPTION
The LTC®2369-18 is a low noise, low power, high speed
18-bit successive approximation register (SAR) ADC.
Operating from a 2.5V supply, the LTC2369-18 has a 0V
to VREF pseudo-differential unipolar input range with VREF
ranging from 2.5V to 5.1V. The LTC2369-18 consumes only
18mW and achieves ±2.5LSB INL maximum, no missing
codes at 18 bits with 96.5dB SNR.
The LTC2369-18 has a high speed SPI-compatible serial
interface that supports 1.8V, 2.5V, 3.3V and 5V logic while
also featuring a daisy-chain mode. The fast 1.6Msps
throughput with no cycle latency makes the LTC2369-18
ideally suited for a wide variety of high speed applications.
An internal oscillator sets the conversion time, easing exter-
nal timing considerations. The LTC2369-18 automatically
powers down between conversions, leading to reduced
power dissipation that scales with the sampling rate.
32k Point FFT fS = 1.6Msps, fIN = 2kHz
APPLICATIONS
n 1.6Msps Throughput Rate
n ±2.5LSB INL (Max)
n Guaranteed 18-Bit No Missing Codes
n Low Power: 18mW at 1.6Msps, 18μW at 1.6ksps
n 96.5dB SNR (Typ) at fIN = 2kHz
n –120dB THD (Typ) at fIN = 2kHz
n Guaranteed Operation to 125°C
n 2.5V Supply
n Pseudo-Differential Unipolar Input Range: 0V to VREF
n VREF Input Range from 2.5V to 5.1V
n No Pipeline Delay, No Cycle Latency
n 1.8V to 5V I/O Voltages
n SPI-Compatible Serial I/O with Daisy-Chain Mode
n Internal Conversion Clock
n 16-Lead MSOP and 4mm × 3mm DFN Packages
n Medical Imaging
n High Speed Data Acquisition
n Portable or Compact Instrumentation
n Industrial Process Control
n Low Power Battery-Operated Instrumentation
n ATE
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents including 7705765.
5.1Ω
VREF
0V
10nF
+
SAMPLE CLOCK
236918 TA01a
10μF
0.1μF
2.5V
REF
1.8V TO 5V
2.5V TO 5.1V
47μF
(X5R, 0805 SIZE)
REF
GND
CHAIN
RDL/SDI
SDO
SCK
BUSY
CNV
LTC2369-18
LT®6202
VDD
OVDD
IN+
IN
FREQUENCY (kHz)
0
100 200 300 400
800
700
600
500
–180
–60
–40
–20
–80
–100
–120
–140
–160
0
236918 TA01b
SNR = 96.5dB
THD = –127dB
SINAD = 96.5dB
SFDR = 134dB


Similar Part No. - LT6200-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6200-5 LINER-LT6200-5 Datasheet
448Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
LT6200-5 LINER-LT6200-5 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LT6200-5 LINER-LT6200-5 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LT6200-5 LINER-LT6200-5_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
More results

Similar Description - LT6200-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
   18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2367-18 LINER-LTC2367-18_15 Datasheet
1Mb / 24P
   18-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
logo
Maxim Integrated Produc...
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
   18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
logo
Linear Technology
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
   16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2367-16 LINER-LTC2367-16_15 Datasheet
527Kb / 24P
   16-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2368-16 LINER-LTC2368-16_15 Datasheet
2Mb / 24P
   16-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Analog Devices
AD4000 AD-AD4000_17 Datasheet
1Mb / 36P
   Precision, Pseudo Differential, SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com