Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3103 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3103
Description  High Efficiency, 65V 500mA Synchronous
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3103 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3103 Datasheet HTML 4Page - Linear Technology LTC3103 Datasheet HTML 5Page - Linear Technology LTC3103 Datasheet HTML 6Page - Linear Technology LTC3103 Datasheet HTML 7Page - Linear Technology LTC3103 Datasheet HTML 8Page - Linear Technology LTC3103 Datasheet HTML 9Page - Linear Technology LTC3103 Datasheet HTML 10Page - Linear Technology LTC3103 Datasheet HTML 11Page - Linear Technology LTC3103 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTC3630
8
3630fb
BLOCK DIAGRAM
COUT
CIN
VOUT
+
+
+
3
+
+
+
PEAK CURRENT
COMPARATOR
REVERSE CURRENT
COMPARATOR
FEEDBACK
COMPARATOR
VOLTAGE
REFERENCE
VPRG2
GND
GND
SS
SS
VPRG1
GND
SS
GND
SS
R1
1.0M
4.2M
2.5M
1.0M
R2
800k
800k
800k
VOUT
ADJUSTABLE
5V FIXED
3.3V FIXED
1.8V FIXED
START-UP: 50μA
NORMAL: 5μA
IMPLEMENT DIVIDER
EXTERNALLY FOR
ADJUSTABLE VERSION
VIN
VIN
1
SW
L1
GND
LOGIC
AND
SHOOT-
THROUGH
PREVENTION
16
SS
R2
R1
5V
5V
20μA
FBO
70Ω
10
12
GND
8
14
GND
17
VFB
9
VPRG1
7
VPRG2
3630 BD
6
0.800V
1.21V
RUN
2M
5V
ISET
11
ACTIVE: 5μA
SLEEP: 1μA
SLEEP, ACTIVE: 2μA
SHUTDOWN: 0μA
1.3V
5


Similar Part No. - LTC3103

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3103 LINEAR-LTC3103 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3103 LINEAR-LTC3103 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3103 LINEAR-LTC3103 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3103 LINEAR-LTC3103 Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC3103 LINEAR-LTC3103 Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
More results

Similar Description - LTC3103

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3630 LINER-LTC3630_15 Datasheet
290Kb / 26P
   High Efficiency, 65V 500mA Synchronous Step-Down Converter
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
logo
Linear Technology
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
LTC3630A LINER-LTC3630A Datasheet
346Kb / 24P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
LTC3630AEMSE LINER-LTC3630AEMSE Datasheet
312Kb / 8P
   High Efficiency High Voltage 500mA Synchronous Step-Down Converter
logo
Intersil Corporation
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com