Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3103 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3103
Description  High Efficiency, 65V 500mA Synchronous
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3103 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3103 Datasheet HTML 7Page - Linear Technology LTC3103 Datasheet HTML 8Page - Linear Technology LTC3103 Datasheet HTML 9Page - Linear Technology LTC3103 Datasheet HTML 10Page - Linear Technology LTC3103 Datasheet HTML 11Page - Linear Technology LTC3103 Datasheet HTML 12Page - Linear Technology LTC3103 Datasheet HTML 13Page - Linear Technology LTC3103 Datasheet HTML 14Page - Linear Technology LTC3103 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LTC3630
11
3630fb
APPLICATIONS INFORMATION
The basic LTC3630 application circuit is shown on the front
page of the data sheet. External component selection is
determined by the maximum load current requirement and
begins with the selection of the peak current programming
resistor, RISET.TheinductorvalueLcanthenbedetermined,
followed by capacitors CIN and COUT.
Peak Current Resistor Selection
The peak current comparator has a guaranteed maximum
current limit of 1A (1.2A typical), which guarantees a
maximum average current of 500mA. For applications
that demand less current, the peak current threshold can
be reduced to as little as 100mA (120mA typical). This
lower peak current allows the use of lower value, smaller
components (input capacitor, output capacitor, and induc-
tor), resulting in lower input supply ripple and a smaller
overall DC/DC converter.
The threshold can be easily programmed using a resis-
tor (RISET) between the ISET pin and ground. The voltage
generated on the ISET pin by RISET and the internal 5μA
current source sets the peak current. The voltage on the
ISET pin is internally limited within the range of 0.1V to
1.0V. The value of resistor for a particular peak current can
be selected by using Figure 2 or the following equation:
RISET = IPEAK • 0.2 • 106
where 100mA < IPEAK < 1A.
The internal 5μA current source is reduced to 1μA in sleep
mode to maximize efficiency and to facilitate a trade-off
between efficiency and light load output voltage ripple, as
described in the CISET Selection section of the Applica-
tions Information. For maximum efficiency, minimize the
capacitance on the ISET pin and place the RISET resistor
as close to the pin as possible.
The typical peak current is internally limited to be within the
range of 120mA to 1.2A. Shorting the ISET pin to ground
programs the current limit to 120mA, and leaving it float
sets the current limit to the maximum value of 1.2A. When
selecting this resistor value, be aware that the maximum
average output current for this architecture is limited to
half of the peak current. Therefore, be sure to select a value
that sets the peak current with enough margin to provide
adequate load current under all conditions. Selecting the
peak current to be 2.2 times greater than the maximum
load current is a good starting point for most applications.
Inductor Selection
The inductor, input voltage, output voltage, and peak cur-
rent determine the switching frequency during a burst
cycle of the LTC3630. For a given input voltage, output
voltage, and peak current, the inductor value sets the
switching frequency during a burst cycle when the output
is in regulation. Generally, switching between 50kHz and
250kHz yields high efficiency, and 200kHz is a good first
choice for many applications. The inductor value can be
determined by the following equation:
L
=
VOUT
f•IPEAK
⎟ •1–
VOUT
VIN
The variation in switching frequency during a burst cycle
with input voltage and inductance is shown in Figure 3. For
lower values of IPEAK, multiply the frequency in Figure 3
by 1.2A/IPEAK.
An additional constraint on the inductor value is the
LTC3630’s 150ns minimum on-time of the high side switch.
Therefore, in order to keep the current in the inductor
Figure 2. RISET Selection
MAXIMUM LOAD CURRENT (mA)
50
60
180
200
220
150
250 300 350
3630 F02
20
140
100
40
160
0
120
80
100
200
400 450 500


Similar Part No. - LTC3103

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3103 LINEAR-LTC3103 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3103 LINEAR-LTC3103 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3103 LINEAR-LTC3103 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3103 LINEAR-LTC3103 Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC3103 LINEAR-LTC3103 Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
More results

Similar Description - LTC3103

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3630 LINER-LTC3630_15 Datasheet
290Kb / 26P
   High Efficiency, 65V 500mA Synchronous Step-Down Converter
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
logo
Linear Technology
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
LTC3630A LINER-LTC3630A Datasheet
346Kb / 24P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
LTC3630AEMSE LINER-LTC3630AEMSE Datasheet
312Kb / 8P
   High Efficiency High Voltage 500mA Synchronous Step-Down Converter
logo
Intersil Corporation
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com