Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3787 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3787
Description  PolyPhase Synchronous Boost Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3787 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3787 Datasheet HTML 7Page - Linear Technology LTC3787 Datasheet HTML 8Page - Linear Technology LTC3787 Datasheet HTML 9Page - Linear Technology LTC3787 Datasheet HTML 10Page - Linear Technology LTC3787 Datasheet HTML 11Page - Linear Technology LTC3787 Datasheet HTML 12Page - Linear Technology LTC3787 Datasheet HTML 13Page - Linear Technology LTC3787 Datasheet HTML 14Page - Linear Technology LTC3787 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC3787
11
3787fc
BLOCK DIAGRAM
SLEEP
SWITCHING
LOGIC
AND
CHARGE
PUMP
+
4.8V
3.8V
VBIAS
VIN
CIN
INTVCC
PLLIN/
MODE
PGOOD
+
1.32V
1.08V
+
+
+
VFB
EXTVCC
5.4V
LDO
VCO
PFD
SW
0.425V
SENS LO
BOOST
TG
CB
COUT
VOUT
DB
CLKOUT
PGND
BG
INTVCC
VFB
S
R
Q
EA
1.32V
SS
1.2V
RSENSE
0.5μA/
4.5μA
10μA
11V
SHDN
+
SHDN
2.5V
+
RC
SS
SENS
LO
ITH
CC
CSS
CC2
0.7V
2.8V
SLOPE COMP
2mV
+
+
SENSE
SENSE+
SHDN
CLK2
CLK1
RUN
SGND
INTVCC
FREQ
DUPLICATE FOR SECOND CONTROLLER CHANNEL
+ –
+
L
+
EN
5.4V
LDO
EN
20μA
100k
SYNC
DET
ILIM
PHASMD
OV
3787 BD
CURRENT
LIMIT
ICMP
IREV
OPERATION
Main Control Loop
The LTC3787 uses a constant-frequency, current mode
step-up architecture with the two controller channels
operating out of phase. During normal operation, each
external bottom MOSFET is turned on when the clock for
that channel sets the RS latch, and is turned off when the
main current comparator, ICMP, resets the RS latch. The
peak inductor current at which ICMP trips and resets the
latch is controlled by the voltage on the ITH pin, which is
the output of the error amplifier EA. The error amplifier
compares the output voltage feedback signal at the VFB
pin (which is generated with an external resistor divider
connected across the output voltage, VOUT, to ground), to
the internal 1.200V reference voltage. In a boost converter,
the required inductor current is determined by the load
current, VIN and VOUT. When the load current increases,
it causes a slight decrease in VFB relative to the reference,
which causes the EA to increase the ITH voltage until the
average inductor current in each channel matches the new
requirement based on the new load current.
After the bottom MOSFET is turned off each cycle, the
top MOSFET is turned on until either the inductor current
starts to reverse, as indicated by the current comparator,
IR, or the beginning of the next clock cycle.


Similar Part No. - LTC3787

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3787 LINER-LTC3787 Datasheet
598Kb / 44P
   Triple Output, Buck/Buck/Boost Synchronous Controller with 28關A Burst Mode IQ
LTC3787 LINER-LTC3787 Datasheet
523Kb / 38P
   60V PolyPhase Synchronous Boost Controller
LTC3787 LINER-LTC3787 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
LTC3787 LINER-LTC3787 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
logo
Analog Devices
LTC3787 AD-LTC3787 Datasheet
1Mb / 48P
   PolyPhase Synchronous Boost Controller with PMBus Interface
More results

Similar Description - LTC3787

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3787 LINER-LTC3787_15 Datasheet
372Kb / 36P
   PolyPhase Synchronous Boost Controller
LTC3784 LINER-LTC3784_15 Datasheet
523Kb / 38P
   60V PolyPhase Synchronous Boost Controller
LTC3784 LINER-LTC3784 Datasheet
523Kb / 38P
   60V PolyPhase Synchronous Boost Controller
logo
Analog Devices
LTC7841 AD-LTC7841 Datasheet
1Mb / 48P
   PolyPhase Synchronous Boost Controller with PMBus Interface
logo
Shenzhen Huazhimei Semi...
HM5174 HMSEMI-HM5174 Datasheet
968Kb / 12P
   SYNCHRONOUS BOOST CONTROLLER
logo
Rohm
BD8303MUV ROHM-BD8303MUV_15 Datasheet
1Mb / 27P
   Synchronous Buck-Boost Controller
logo
Linear Technology
LTC1629-6 LINER-LTC1629-6 Datasheet
300Kb / 28P
   PolyPhase, Synchronous
logo
Feeling Technology Corp...
FP5202 FEELING-FP5202 Datasheet
342Kb / 10P
   Non-Synchronous PWM Boost Controller
logo
Linear Technology
LT3762 LINER-LT3762 Datasheet
2Mb / 34P
   60V Synchronous Boost LED Controller
logo
Texas Instruments
LM5122 TI1-LM5122_16 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com