Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3833 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3833
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3833 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3833 Datasheet HTML 5Page - Linear Technology LTC3833 Datasheet HTML 6Page - Linear Technology LTC3833 Datasheet HTML 7Page - Linear Technology LTC3833 Datasheet HTML 8Page - Linear Technology LTC3833 Datasheet HTML 9Page - Linear Technology LTC3833 Datasheet HTML 10Page - Linear Technology LTC3833 Datasheet HTML 11Page - Linear Technology LTC3833 Datasheet HTML 12Page - Linear Technology LTC3833 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
LTC3838
9
3838fa
TYPICAL PERFORMANCE CHARACTERISTICS
RUN Pin Thresholds
vs Temperature
RUN Pull-Up Currents
vs Temperature
TRACK/SS Pull-Up Currents
vs Temperature
INTVCC Undervoltage Lockout
Thresholds vs Temperature
Shutdown Current Into VIN Pin
vs Voltage on VIN Pin
Quiescent Current Into VIN Pin
vs Temperature
Current Sense Voltage
vs ITH Voltage
Maximum Current Sense Voltage
vs Temperature
Maximum Current Sense Voltage
vs Voltage on SENSEPin
ITH VOLTAGE (V)
0
–60
–40
0
20
40
1.6
120
3838 G28
–20
0.8
0.4
2
1.2
2.4
60
80
100
VRNG = 2V
VRNG = 1V
VRNG = 0.6V
FORCED CONTINUOUS MODE
TEMPERATURE (°C)
–50
0
20
40
60
80
050
100
150
3838 G29
100
120
–25
25
75
125
VRNG = 2V
VRNG = 1V
VRNG = 0.6V
TEMPERATURE (°C)
–50
0.8
1.2
150
3838 G30
0.4
0
0
50
100
–25
25
75
125
1.6
0.6
1.0
0.2
1.4
SWITCHING REGION
SHUTDOWN REGION
STAND-BY REGION
TEMPERATURE (°C)
–50
4
6
150
3838 G31
2
0
0
50
100
–25
25
75
125
8
3
5
1
7
RUN PIN ABOVE 1.2V
SWITCHING THRESHOLD
RUN PIN BELOW 1.2V
SWITCHING THRESHOLD
TEMPERATURE (°C)
–50
1.00
1.10
150
3838 G32
0.90
0.80
0
50
100
–25
25
75
125
1.20
0.95
1.05
0.85
1.15
TEMPERATURE (°C)
–50
3.3
3.5
3.7
3.9
4.1
050
100
150
3838 G33
4.3
4.5
–25
25
75
125
UVLO RELEASE
(INTVCC RISING)
UVLO LOCK
(INTVCC FALLING)
VIN (V)
0
20
30
40
3838 G34
10
0
10
20
30
5
15
25
35
40
15
25
5
35
130°C
25°C
–45°C
TEMPERATURE (°C)
–50
2.5
3.0
3.5
25
75
150
3838 G35
2.0
1.5
1.0
–25
0
50
100 125
BOTH CHANNELS ON
CHANNEL 1 ON ONLY
CHANNEL 2 ON ONLY
SENSE PIN VOLTAGE (V)
–0.5
0
20
40
60
80
120
0.5
1.5
2.5
3.5
3838 G22
4.5
5.5
100
VRNG = 2V
VRNG = 1V
VRNG = 0.6V


Similar Part No. - LTC3833

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3833 LINER-LTC3833 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3833 LINER-LTC3833 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
LTC3833 LINER-LTC3833 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3833 LINER-LTC3833 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3833 LINER-LTC3833 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
More results

Similar Description - LTC3833

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3838 LINER-LTC3838_15 Datasheet
726Kb / 54P
   Dual, Fast, Accurate Step- Down DC/DC Controller with Differential Output Sensing
LTC3838-2 LINER-LTC3838-2 Datasheet
5Mb / 56P
   Dual, Fast, Accurate Step-Down DC/DC Controller with External Reference Voltage
LTC3838-1 LINER-LTC3838-1_15 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838-1 LINER-LTC3838-1 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3839 LINER-LTC3839 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
LTC3833 LINER-LTC3833_15 Datasheet
523Kb / 36P
   Fast Accurate Step-Down DC/DC Controller with Differential Output Sensing
LTC3838-2 LINER-LTC3838-2_15 Datasheet
5Mb / 56P
   Dual, Fast, Accurate Step-Down DC/DC Controller with xternal Reference Voltage and Dual Differential Output Sensing
LTC3861-1 LINER-LTC3861-1_15 Datasheet
1Mb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861 LINER-LTC3861_15 Datasheet
977Kb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861-1 LINER-LTC3861-1 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com