Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3855 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3855
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3855 Datasheet HTML 3Page - Linear Technology LTC3855 Datasheet HTML 4Page - Linear Technology LTC3855 Datasheet HTML 5Page - Linear Technology LTC3855 Datasheet HTML 6Page - Linear Technology LTC3855 Datasheet HTML 7Page - Linear Technology LTC3855 Datasheet HTML 8Page - Linear Technology LTC3855 Datasheet HTML 9Page - Linear Technology LTC3855 Datasheet HTML 10Page - Linear Technology LTC3855 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
LTC3839
7
3839fa
TYPICAL PERFORMANCE CHARACTERISTICS
CLKOUT/Switching Frequency
vs Input Voltage
CLKOUT/Switching Frequency
vs Temperature
tON(MIN) and tOFF(MIN)
vs VOUT (Voltage on SENSEPin)
tON(MIN) and tOFF(MIN)
vs Voltage on VIN Pin
tON(MIN) and tOFF(MIN)
vs Switching Frequency
Output Regulation
vs Input Voltage
Error Amplifier Transconductance
vs Temperature
Output Regulation
vs Load Current
Output Regulation
vs Temperature
TEMPERATURE (°C)
–50
1.50
1.55
1.60
1.65
1.70
050
100
150
3839 G27
1.75
1.80
–25
25
75
125
VIN (V)
0
–2
–1
0
1
2
510
15
20
3839 G21
25
30
35
40
VOUT = 0.6V
ILOAD = 5A
f = 500kHz
FREQUENCY NORMALIZED AT VIN = 15V
TEMPERATURE (°C)
–50
–2
–1
0
1
2
–25
0
25
50
3839 G23
75
100 125 150
VIN = 15V, VOUT = 0.6V
ILOAD = 0A
f = 500kHz
FREQUENCY NORMALIZED AT TA = 25°C
VSENSE
(V)
0
0
20
40
60
1
2
34
3839 G24
5
80
100
10
30
50
70
90
6
VIN = 38V
RT ADJUSTED FOR fCLKOUT = 2MHz
tOFF(MIN)
tON(MIN)
VIN (V)
0
0
20
40
60
5
10
15
20
3839 G25
35
30
25
80
100
10
30
50
70
90
40
VOUT = 0.6V
RT ADJUSTED FOR fCLKOUT = 2MHz
tOFF(MIN)
tON(MIN)
CLKOUT/SWITCHING FREQUENCY (kHz)
200
0
20
40
60
500
800
1100
1400
3839 G26
1700
80
100
10
30
50
70
90
2000
VIN = 38V
VOUT = 0.6V
tOFF(MIN)
tON(MIN)
VIN (V)
0
–0.2
–0.1
0
0.1
0.2
510
15
20
3839 G18
25
30
35
40
VOUT = 0.6V
ILOAD = 5A
VOUT NORMALIZED AT VIN = 15V
ILOAD (A)
0
0
0.1
16
3839 G19
–0.1
–0.2
4
8
12
20
0.2
VIN = 15V
VOUT = 0.6V
VOUT NORMALIZED AT ILOAD = 8A
TEMPERATURE (°C)
–50
–0.6
–0.4
–0.2
0
0.2
050
100
150
3839 G20
0.4
0.6
–25
25
75
125
VIN = 15V
VOUT = 0.6V
ILOAD = 0A
VOUT NORMALIZED AT TA = 25°C


Similar Part No. - LTC3855

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3855 LINER-LTC3855 Datasheet
2Mb / 44P
   Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
logo
Analog Devices
LTC3855 AD-LTC3855 Datasheet
2Mb / 34P
   40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
logo
Linear Technology
LTC3855 LINER-LTC3855 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
logo
Analog Devices
LTC3855 AD-LTC3855 Datasheet
1Mb / 34P
   40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
logo
Linear Technology
LTC3855 LINER-LTC3855 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC3855

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3839 LINER-LTC3839_15 Datasheet
701Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller with Differential Output Sensing
LTC3838 LINER-LTC3838 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3833 LINER-LTC3833_15 Datasheet
523Kb / 36P
   Fast Accurate Step-Down DC/DC Controller with Differential Output Sensing
LTC3838 LINER-LTC3838_15 Datasheet
726Kb / 54P
   Dual, Fast, Accurate Step- Down DC/DC Controller with Differential Output Sensing
LTC3838-1 LINER-LTC3838-1_15 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838-1 LINER-LTC3838-1 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838-2 LINER-LTC3838-2 Datasheet
5Mb / 56P
   Dual, Fast, Accurate Step-Down DC/DC Controller with External Reference Voltage
LTC3829 LINER-LTC3829 Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com