Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67000-A2152 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # Q67000-A2152
Description  Quad PNP-Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A2152 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  Q67000-A2152 Datasheet HTML 1Page - Siemens Semiconductor Group Q67000-A2152 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-A2152 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-A2152 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-A2152 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A2152 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A2152 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A2152 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TAE 4453
TAF 4453
Semiconductor Group
8
Temperature coefficient of
I
IO
R
G = 50 Ω
Temperature coefficient of
V
IO
R
G = 50 Ω
α
IIO
α
VIO
0.1
6
0.8
25
0.8
25
nA/K
µV/K
Slew rate
for non-inverting operation
Slew rate
for inverting operation
SR
SR
0.65
1.1
0.2
0.4
0.65
1.7
V/
µs
V/
µs
Characteristics (TAF 4453 G)
V
S = ± 2V
Parameter
Symbol
Limit Values
T
A = 25 °C
Limit Values
T
A = – 55
to 125
°C
Unit
min.
typ.
max.
min.
max.
Input offset voltage,
R
G = 50 Ω
V
IO
–4
4
– 6
6
mV
Input offset current
Input current
I
IO
I
I
–50
40
50
100
–75
75
150
nA
nA
Open-loop voltage gain
R
L = 2 kΩ
G
V0
75
70
dB
Note: For typical performance curves, please refer to the data sheets of TAE 1453
and TAF 1453.
Characteristics (TAF 4453 G) (cont’d)
V
S = ± 5V to ± 15 V; RL = 10 kΩ, unless otherwise specified
Parameter
Symbol
Limit Values
T
A = 25 °C
Limit Values
T
A = – 55
to 125
°C
Unit
min.
typ.
max.
min.
max.


Similar Part No. - Q67000-A2152

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67000-A2106 SIEMENS-Q67000-A2106 Datasheet
246Kb / 11P
   Single PNP-Operational Amplifiers
Q67000-A2108 SIEMENS-Q67000-A2108 Datasheet
125Kb / 8P
   Dual PNP-Operational Amplifiers
More results

Similar Description - Q67000-A2152

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com