Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1641-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1641-1
Description  ??8V Hot Swap Controllers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1641-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1641-1 Datasheet HTML 7Page - Linear Technology LT1641-1 Datasheet HTML 8Page - Linear Technology LT1641-1 Datasheet HTML 9Page - Linear Technology LT1641-1 Datasheet HTML 10Page - Linear Technology LT1641-1 Datasheet HTML 11Page - Linear Technology LT1641-1 Datasheet HTML 12Page - Linear Technology LT1641-1 Datasheet HTML 13Page - Linear Technology LT1641-1 Datasheet HTML 14Page - Linear Technology LT1641-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LTC4253/LTC4253A
11
425353afe
BLOCK DIAGRAM
VEE
1
×
6.15V
(5V)
1
×
8
×
1
×
VIN
VEE
PWRGD3
50μA
6.15V
(5.09V)
VEE
120μA
VEE
120μA
VIN
VIN
VEE
VIN
VEE
200μA
16
OV 11
EN3 15
VIN
VEE
VEE
22μA
(28μA)
FOR COMPONENTS, CURRENTS AND VOLTAGES WITH TWO
VALUES, VALUES WITHOUT PARENTHESES REFER TO THE
LTC4253, VALUES WITH PARENTHESES REFER TO THE LTC4253A
95k
(47.5k)
RSS
5k
(2.5k)
SS 6
VIN
VIN
VEE
VEE
50μA
VIN
VIN
VEE
PWRGD2
50μA
2
EN2 1
VEE
PWRGD1
50μA
3
4
VEE
8
RESET
5
SQTIMER
DELAY
LOGIC
SQTIMER
DELAY
+
4V
+
1V
TIMER 13
+
4V
+
0.33V
+
UV 12
2.925V
(2.756V)
+
+
0.5V
+
2.39V
+
+
VIN
VEE
5μA
VIN
VEE
5μA
5μA
+
2.8V
+
200mV
+
10mV
VEE
+
+
50mV
4253 BD
CB
FCL
+
ACL
VEE
SENSE
7
GATE
9
DRAIN
10
SQTIMER
14


Similar Part No. - LT1641-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
322Kb / 40P
   Hot Swap Controller
LT1641-1 LINER-LT1641-1 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
logo
Linear Integrated Syste...
LT1641-1 LINEAR-LT1641-1 Datasheet
241Kb / 26P
   Surge Stopper
More results

Similar Description - LT1641-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
logo
Texas Instruments
UCC1919 TI-UCC1919 Datasheet
127Kb / 11P
[Old version datasheet]   3V to 8V Hot Swap Power Manager
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Linear Technology
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com