Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4251 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4251
Description  ??8V Hot Swap Controllers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4251 Datasheet(HTML) 4 Page - Linear Technology

  LTC4251 Datasheet HTML 1Page - Linear Technology LTC4251 Datasheet HTML 2Page - Linear Technology LTC4251 Datasheet HTML 3Page - Linear Technology LTC4251 Datasheet HTML 4Page - Linear Technology LTC4251 Datasheet HTML 5Page - Linear Technology LTC4251 Datasheet HTML 6Page - Linear Technology LTC4251 Datasheet HTML 7Page - Linear Technology LTC4251 Datasheet HTML 8Page - Linear Technology LTC4251 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LTC4253/LTC4253A
4
425353afe
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
LTC4253
LTC4253A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOV
OV Pin Threshold
OV Low to High
5.04
5.09
5.14
V
VOVHST
OV Pin Hysteresis
230
300
350
82
102
122
mV
mV
ISENSE
SENSE Pin Input Current
UV = 0V = 4V, VSENSE = 50mV
(Sourcing)
15
30
15
30
μA
IINP
UV, OV Pin Input Current
UV = OV = 4V
± 0.1
±1
±0.1
±1
μA
VTMRH
TIMER Pin Voltage High Threshold
3.5
4
4.5
3.5
4
4.5
V
VTMRL
TIMER Pin Voltage Low Threshold
0.8
1
1.2
0.8
1
1.2
V
ITMR
TIMER Pin Current
Timer On (Initial Cycle/Latchoff,
Sourcing), VTMR = 2V
357357
μA
Timer Off (Initial Cycle, Sinking),
VTMR = 2V
28
28
mA
Timer On (Circuit Breaker, Sourcing,
IDRN = 0μA), VTMR = 2V
120
200
280
120
200
280
μA
Timer On (Circuit Breaker, Sourcing,
IDRN = 50μA), VTMR = 2V
600
600
μA
Timer Off (Circuit Breaker, Sinking),
VTMR = 2V
357357
μA
ΔITMRACC
ΔIDRN
ITMR at IDRN = 50μA – ITMR at IDRN = 0μA
50μA
Timer On (Circuit Breaker with
IDRN = 50μA)
789789
μA/μA
VSQTMRH
SQTIMER Pin Voltage High Threshold
3.5
4
4.5
3.5
4
4.5
V
VSQTMRL
SQTIMER Pin Voltage Low Threshold
0.33
0.33
V
ISQTMR
SQTIMER Pin Current
SQTIMER On (Power Good
Sequence, Sourcing), VSQTMR = 2V
357357
μA
SQTIMER Off (Power Good
Sequence, Sinking), VSQTMR = 2V
28
28
mA
VDRNL
DRAIN Pin Voltage Low Threshold
For PWRGD1, PWRGD2, PWRGD3 Status
2
2.39
3
2
2.39
3
V
IDRNL
DRAIN Leakage Current
VDRAIN = 5V
VDRAIN = 4V
± 0.1
±1
± 0.1
±1
μA
μA
VDRNCL
DRAIN Pin Clamp Voltage
IDRN = 50μA
67
8.5
56
7.5
V
VPGL
PWRGD1, PWRGD2, PWRGD3
Output Low Voltage
IPG = 1.6mA
IPG = 5mA
0.25
0.4
1.2
0.25
0.4
1.2
V
V
IPGH
PWRGD1, PWRGD2, PWRGD3
Output High Current
VPG = 0V (Sourcing)
30
50
70
30
50
70
μA
tSQ
SQTIMER Default Ramp Period
SQTIMER Pin Floating,
VSQTMR Ramps from 0.5V to 3.5V
250
250
μs
tSS
SS Default Ramp Period
SS Pin Floating, VSS Ramps from 0.2V to 2V
SS Pin Floating, VSS Ramps from 0.2V to 1.25V
250
140
μs
μs
tPLLUG
UV Low to GATE Low
0.4
5
0.4
5
μs
tPHLOG
OV High to GATE Low
0.4
5
0.4
5
μs
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to VEE unless otherwise
specified.


Similar Part No. - LTC4251

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4251 LINER-LTC4251 Datasheet
240Kb / 20P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
logo
Analog Devices
LTC4251 AD-LTC4251 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4251 AD-LTC4251 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
LTC4251 AD-LTC4251 Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
More results

Similar Description - LTC4251

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
logo
Texas Instruments
UCC1919 TI-UCC1919 Datasheet
127Kb / 11P
[Old version datasheet]   3V to 8V Hot Swap Power Manager
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Linear Technology
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com