Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4269-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4269-1
Description  Synchronous No-Opto Flyback Controller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4269-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4269-1 Datasheet HTML 1Page - Linear Technology LTC4269-1 Datasheet HTML 2Page - Linear Technology LTC4269-1 Datasheet HTML 3Page - Linear Technology LTC4269-1 Datasheet HTML 4Page - Linear Technology LTC4269-1 Datasheet HTML 5Page - Linear Technology LTC4269-1 Datasheet HTML 6Page - Linear Technology LTC4269-1 Datasheet HTML 7Page - Linear Technology LTC4269-1 Datasheet HTML 8Page - Linear Technology LTC4269-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
LTC4278
2
4278fc
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Pins with Respect to VPORTN
VPORTP Voltage......................................... –0.3V to 100V
VNEG Voltage......................................... –0.3V to VPORTP
VNEG Pull-Up Current ..................................................1A
SHDN....................................................... –0.3V to 100V
RCLASS, Voltage............................................ –0.3V to 7V
RCLASS Source Current...........................................50mA
PWRGD Voltage (Note 3)
Low Impedance Source ......VNEG –0.3V to VNEG +11V
Sink Current.........................................................5mA
PWRGD, T2P Voltage............................... –0.3V to 100V
PWRGD, T2P Sink Current.....................................10mA
Pins with Respect to GND
VCC Voltage................................................ –0.3V to 22V
SENSE, SENSE+ Voltage........................ –0.5V to +0.5V
UVLO, SYNC Voltage...................................–0.3V to VCC
FB Current..............................................................±2mA
VCMP Current .........................................................±1mA
Operating Ambient Temperature Range
LTC4278C ................................................ 0°C to 70°C
LTC4278I..............................................–40°C to 85°C
(Notes 1, 2)
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VPORTP
NC
PWRGD
PWRGD
NC
VNEG
VNEG
NC
PG
PGDLY
RCMP
CCMP
SENSE+
SENSE
UVLO
VCMP
SHDN
T2P
RCLASS
NC
VPORTN
VPORTN
NC
NC
SG
VCC
tON
ENDLY
SYNC
SFST
OSC
FB
TOP VIEW
DKD32 PACKAGE
32-LEAD (7mm × 4mm) PLASTIC DFN
TJMAX = 125°C,θJA = 34°C/W, θJC = 2°C/W
GND, EXPOSED PAD (PIN 33) MUST BE SOLDERED TO A
HEAT SINKING PLANE THAT IS CONNECTED TO VNEG
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4278CDKD#PBF
LTC4278CDKD#TRPBF
4278
32-Lead (7mm
× 4mm) Plastic DFN
0°C to 70°C
LTC4278IDKD#PBF
LTC4278IDKD#TRPBF
4278
32-Lead (7mm
× 4mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC4269-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4269-1 LINER-LTC4269-1 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
More results

Similar Description - LTC4269-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LT3837 LINER-LT3837_15 Datasheet
321Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_15 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_12 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690_17 Datasheet
802Kb / 22P
   60V, No-Opto Isolated Flyback Controller
Rev 1; 12/16
logo
Linear Technology
LT3825 LINER-LT3825 Datasheet
350Kb / 32P
   Isolated No-Opto Synchronous Flyback Controller with Wide Input Supply Range
LT3825 LINER-LT3825_15 Datasheet
386Kb / 32P
   Isolated No-Opto Synchronous Flyback Controller with Wide Input Supply Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com