Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS73CAG01168RALJH7 Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # AMS73CAG01168RALJH7
Description  HIGH PERFORMANCE 1Gbit DDR3 SDRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS73CAG01168RALJH7 Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  AMS73CAG01168RALJH7 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS73CAG01168RALJH7 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS73CAG01168RALJH7 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS73CAG01168RALJH7 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS73CAG01168RALJH7 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS73CAG01168RALJH7 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS73CAG01168RALJH7 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS73CAG01168RALJH7 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS73CAG01168RALJH7 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
AMS73CAG01808RA
HIGH PERFORMANCE 1Gbit DDR3 SDRAM
8 BANKS X 16Mbit X 8
AMS73CAG01808RA Rev.1.0 December 2010
- H7
- I9
DDR3-1066
DDR3-1333
Clock Cycle Time ( tCK6, CWL=5 )
2.5 ns
2.5 ns
Clock Cycle Time ( tCK7, CWL=6 )
1.875 ns
1.875 ns
Clock Cycle Time ( tCK8, CWL=6 )
1.875 ns
1.875 ns
Clock Cycle Time ( tCK9, CWL=7 )
-
1.5 ns
Clock Cycle Time ( tCK10, CWL=7 )
-
1.5 ns
System Frequency (fCK max)
533 MHz
667 MHz
Specifications
-
Density : 1G bits
-
Organization : 16M words x 8 bits x 8 banks
-
Package :
- 78-ball FBGA
- Lead-free (RoHS compliant) and Halogen-free
-
Power supply : VDD, VDDQ = 1.5V ± 0.075V
-
Data rate : 1333Mbps/1066Mbps (max.)
-
1KB page size
- Row address: A0 to A13
- Column address: A0 to A9
-
Eight internal banks for concurrent operation
-
Interface : SSTL_15
-
Burst lengths (BL) : 8 and 4 with Burst Chop (BC)
-
Burst type (BT) :
- Sequential (8, 4 with BC)
- Interleave (8, 4 with BC)
-
CAS Latency (CL) : 5, 6, 7, 8, 9, 10, 11
-
CAS Write Latency (CWL) : 5, 6, 7, 8
-
Precharge : auto precharge option for each burst ac-
cess
-
Driver strength : RZQ/7, RZQ/6 (RZQ = 240
Ω)
-
Refresh : auto-refresh, self-refresh
-
Refresh cycles :
- Average refresh period
7.8
μs at 0°C ≤ Tc ≤ +85°C
3.9
μs at +85°C < Tc ≤ +95°C
-
Operating case temperature range
- Tc = 0°C to +95°C
Features
-
Double-data-rate architecture; two data transfers per
clock cycle
-
The high-speed data transfer is realized by the 8 bits
prefetch pipelined architecture
-
Bi-directional differential data strobe (DQS and DQS)
is transmitted/received with data for capturing data at
the receiver
-
DQS is edge-aligned with data for READs; center-
aligned with data for WRITEs
-
Differential clock inputs (CK and CK)
-
DLL aligns DQ and DQS transitions with CK transitions
-
Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
-
Data mask (DM) for write data
-
Posted CAS by programmable additive latency for bet-
ter command and data bus efficiency
-
On-Die Termination (ODT) for better signal quality
- Synchronous ODT
- Dynamic ODT
- Asynchronous ODT
-
Multi Purpose Register (MPR) for pre-defined pattern
read out
-
ZQ calibration for DQ drive and ODT
-
Programmable Partial Array Self-Refresh (PASR)
-
RESET pin for Power-up sequence and reset function
-
SRT range : Normal/extended
-
Programmable Output driver impedance control
Device Usage Chart
Operating
Temperature
Range
Package Outline
Speed
Power
Temperature
Mark
78-ball FBGA
- H7
- I9
Std.
L
0°C
≤ Tc ≤ 95°C
••••
Blank
-40°C
≤ Tc ≤ 95°C
••••
I
AMS73CAG01808RA


Similar Part No. - AMS73CAG01168RALJH7

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS73XX AMS-AMS73XX Datasheet
7Mb / 6P
   Low power consumption
More results

Similar Description - AMS73CAG01168RALJH7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com