Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8061 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8061
Description  3.1VIN to 32VIN Isolated 關Module DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8061 Datasheet HTML 2Page - Linear Technology LTM8061 Datasheet HTML 3Page - Linear Technology LTM8061 Datasheet HTML 4Page - Linear Technology LTM8061 Datasheet HTML 5Page - Linear Technology LTM8061 Datasheet HTML 6Page - Linear Technology LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology LTM8061 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8048
6
8048fa
Junction Temperature Rise vs
Load Current
VOUT2 LOAD CURRENT (mA)
10
9
8
4
6
0
5
7
2
3
1
8048 G18
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 1.2V
TYPICAL PERFORMANCE CHARACTERISTICS
Junction Temperature Rise vs
Load Current
Junction Temperature Rise vs
Load Current
Junction Temperature Rise vs
Load Current
Junction Temperature Rise vs
Load Current
Junction Temperature Rise vs
Load Current
VOUT2 LOAD CURRENT (mA)
10
9
8
4
6
0
5
7
2
3
1
8048 G19
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 1.5V
VOUT2 LOAD CURRENT (mA)
12
10
8
4
6
0
2
8048 G22
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 3.3V
VOUT2 LOAD CURRENT (mA)
10
9
8
4
6
0
5
7
2
3
1
8048 G20
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 1.8V
VOUT2 LOAD CURRENT (mA)
14
12
10
8
4
6
0
2
8048 G23
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 5V
VOUT2 LOAD CURRENT (mA)
10
9
8
4
6
0
5
7
2
3
1
8048 G21
0
100
300
200
250
150
50
3.3VIN
5VIN
12VIN
24VIN
VOUT2 = 2.5V
Unless otherwise noted, operating conditions are
as in Table 1 (TA = 25°C).


Similar Part No. - LTM8061

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8061 LINER-LTM8061 Datasheet
208Kb / 20P
   32V, 2A 關Module Li-Ion/ Polymer Battery Charger
LTM8061 LINER-LTM8061 Datasheet
469Kb / 28P
   de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
LTM8061 LINER-LTM8061 Datasheet
327Kb / 22P
   Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
logo
Linear Dimensions Semic...
LTM8061 LINEAR_DIMENSIONS-LTM8061 Datasheet
872Kb / 30P
   Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM8061 LINER-LTM8061 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
More results

Similar Description - LTM8061

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8047 LINER-LTM8047_15 Datasheet
343Kb / 18P
   3.1VIN to 32VIN Isolated Module DC/DC Converter
LTM8048 LINER-LTM8048_15 Datasheet
283Kb / 20P
   3.1VIN to 32VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8046 LINER-LTM8046 Datasheet
383Kb / 20P
   3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
LTM8057 LINER-LTM8057_15 Datasheet
233Kb / 20P
   3.1VIN to 31VIN Isolated Module DC/DC Converter
LTM8058 LINER-LTM8058_15 Datasheet
246Kb / 20P
   3.1VIN to 31VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8067 LINER-LTM8067 Datasheet
896Kb / 20P
   2.8VIN to 40VIN Isolated 關Module DC/DC Converter
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
   Isolated DC/DC Module Converter
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48_03 Datasheet
742Kb / 29P
   Isolated DC/DC Converter Module
logo
Bellnix Co.,Ltd.
BSU-1.8S1R0 BELLNIX-BSU-1.8S1R0 Datasheet
3Mb / 20P
   High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S3R0 BELLNIX-BSU12-3.3S3R0 Datasheet
1Mb / 18P
   High-Efficiency 關Module Non-Isolated POL DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com