Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ21EE8BDFA Datasheet(PDF) 1 Page - Elpida Memory

Part # EBJ21EE8BDFA
Description  2GB Unbuffered DDR3 SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ21EE8BDFA Datasheet(HTML) 1 Page - Elpida Memory

  EBJ21EE8BDFA Datasheet HTML 1Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 2Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 3Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 4Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 5Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 6Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 7Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 8Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Document No. E1586E20 (Ver. 2.0)
Date Published January 2010 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2009-2010
DATA SHEET
2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BDFA (256M words
× 72 bits, 2 Ranks)
Specifications
• Density: 2GB
• Organization
 256M words × 72 bits, 2 ranks
• Mounting 18 pieces of 1G bits DDR3 SDRAM sealed
in FBGA
• Package: 240-pin socket type dual in line memory
module (DIMM)
 PCB height: 30.0mm
 Lead pitch: 1.0mm
 Lead-free (RoHS compliant) and Halogen-free
• Power supply: VDD = 1.5V ± 0.075V
• Data rate: 1333Mbps/1066Mbps (max.)
• Eight internal banks for concurrent operation
(components)
• Interface: SSTL_15
• Burst lengths (BL): 8 and 4 with Burst Chop (BC)
• /CAS Latency (CL): 6, 7, 8, 9
• /CAS write latency (CWL): 5, 6, 7
• Precharge: auto precharge option for each burst
access
• Refresh: auto-refresh, self-refresh
• Refresh cycles
 Average refresh period
7.8
µs at 0°C ≤ TC ≤ +85°C
3.9
µs at +85°C < TC ≤ +95°C
• Operating case temperature range
 TC = 0°C to +95°C
Features
• Double-data-rate architecture; two data transfers per
clock cycle
• The high-speed data transfer is realized by the 8 bits
prefetch pipelined architecture
• Bi-directional differential data strobe (DQS and /DQS)
is transmitted/received with data for capturing data at
the receiver
• DQS is edge-aligned with data for READs; center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• Posted /CAS by programmable additive latency for
better command and data bus efficiency
• On-Die-Termination (ODT) for better signal quality
 Synchronous ODT
 Dynamic ODT
 Asynchronous ODT
• Multi Purpose Register (MPR) for temperature read
out
• ZQ calibration for DQ drive and ODT
• Programmable Partial Array Self-Refresh (PASR)
• /RESET pin for Power-up sequence and reset
function
• SRT range:
 Normal/extended
• Programmable Output driver impedance control
• Class B temperature sensor functionality with
EEPROM


Similar Part No. - EBJ21EE8BDFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA-8C-E ELPIDA-EBJ21EE8BAFA-8C-E Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA-AE-E ELPIDA-EBJ21EE8BAFA-AE-E Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA-DJ-E ELPIDA-EBJ21EE8BAFA-DJ-E Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
More results

Similar Description - EBJ21EE8BDFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ20UF8BCF0 ELPIDA-EBJ20UF8BCF0 Datasheet
272Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDF0 ELPIDA-EBJ21UE8BDF0 Datasheet
218Kb / 21P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
EBE21UE8ACFA ELPIDA-EBE21UE8ACFA Datasheet
251Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA ELPIDA-EBE21UE8AEFA Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com