Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ21EE8BDFA Datasheet(PDF) 11 Page - Elpida Memory

Part # EBJ21EE8BDFA
Description  2GB Unbuffered DDR3 SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ21EE8BDFA Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBJ21EE8BDFA Datasheet HTML 7Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 8Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 9Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 10Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 11Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 12Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 13Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 14Page - Elpida Memory EBJ21EE8BDFA Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
EBJ21EE8BDFA
Data Sheet E1586E20 (Ver. 2.0)
11
DC Characteristics 1 (TC = 0°C to +85°C, VDD = 1.5V
± 0.075V, VSS = 0V)
Parameter
Symbol
Data rate (Mbps)
max.
Unit
Notes
Operating current
(ACT-PRE)
(Another rank is in IDD2P1)
IDD0
1333
1066
1215
1080
mA
Operating current
(ACT-PRE)
(Another rank is in IDD3N)
IDD0
1333
1066
1440
1305
mA
Operating current
(ACT-READ-PRE)
(Another rank is in IDD2P1)
IDD1
1333
1066
1350
1215
mA
Operating current
(ACT-READ-PRE)
(Another rank is in IDD3N)
IDD1
1333
1066
1575
1440
mA
IDD2P1
1333
1066
720
630
mA
Fast PD Exit
Precharge power-down standby current
IDD2P0
1333
1066
252
234
mA
Slow PD Exit
Precharge standby current
IDD2N
1333
1066
1080
990
mA
Precharge standby
ODT current
IDD2NT
1333
1066
1080
990
mA
Precharge quiet standby current
IDD2Q
1333
1066
990
900
mA
Active power-down current
(Always fast exit)
IDD3P
1333
1066
720
630
mA
Active standby current
IDD3N
1333
1066
1170
1080
mA
Operating current
(Burst read operating)
(Another rank is in IDD2P1)
IDD4R
1333
1066
2160
1755
mA
Operating current
(Burst read operating)
(Another rank is in IDD3N)
IDD4R
1333
1066
2385
1980
mA
Operating current
(Burst write operating)
(Another rank is in IDD2P1)
IDD4W
1333
1066
2250
1845
mA
Operating current
(Burst write operating)
(Another rank is in IDD3N)
IDD4W
1333
1066
2475
2070
mA
Burst refresh current
(Another rank is in IDD2P1)
IDD5B
1333
1066
2790
2655
mA
Burst refresh current
(Another rank is in IDD3N)
IDD5B
1333
1066
3015
2880
mA
All bank interleave read current
(Another rank is in IDD2P1)
IDD7
1333
1066
3150
2745
mA
All bank interleave read current
(Another rank is in IDD3N)
IDD7
1333
1066
3375
2970
mA
RESET low current
IDD8
144
mA
Self-Refresh Current (TC = 0
°C to +85°C, VDD = 1.5V ± 0.075V)
Parameter
Symbol
max.
Unit
Notes
Self-refresh current
normal temperature range
IDD6
180
mA
Self-refresh current
extended temperature range
IDD6ET
324
mA
Auto self-refresh current (optional)
IDD6TC
mA


Similar Part No. - EBJ21EE8BDFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA-8C-E ELPIDA-EBJ21EE8BAFA-8C-E Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA-AE-E ELPIDA-EBJ21EE8BAFA-AE-E Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA-DJ-E ELPIDA-EBJ21EE8BAFA-DJ-E Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
More results

Similar Description - EBJ21EE8BDFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ20UF8BCF0 ELPIDA-EBJ20UF8BCF0 Datasheet
272Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDF0 ELPIDA-EBJ21UE8BDF0 Datasheet
218Kb / 21P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
EBE21UE8ACFA ELPIDA-EBE21UE8ACFA Datasheet
251Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA ELPIDA-EBE21UE8AEFA Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com