Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ21EE8BDFA-DJ-F Datasheet(PDF) 8 Page - Elpida Memory

Part # EBJ21EE8BDFA-DJ-F
Description  2GB Unbuffered DDR3 SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ21EE8BDFA-DJ-F Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBJ21EE8BDFA-DJ-F Datasheet HTML 4Page - Elpida Memory EBJ21EE8BDFA-DJ-F Datasheet HTML 5Page - Elpida Memory EBJ21EE8BDFA-DJ-F Datasheet HTML 6Page - Elpida Memory EBJ21EE8BDFA-DJ-F Datasheet HTML 7Page - Elpida Memory EBJ21EE8BDFA-DJ-F Datasheet HTML 8Page - Elpida Memory EBJ21EE8BDFA-DJ-F Datasheet HTML 9Page - Elpida Memory EBJ21EE8BDFA-DJ-F Datasheet HTML 10Page - Elpida Memory EBJ21EE8BDFA-DJ-F Datasheet HTML 11Page - Elpida Memory EBJ21EE8BDFA-DJ-F Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
EBJ21EE8BDFA
Data Sheet E1586E20 (Ver. 2.0)
8
Block Diagram
RDQS0
RDQ[7:0]
/RDQS0
RDM0
DQ[7:0]
D0
/CS
DQS
/DQS
DM
ZQ
RDQS1
RDQ[15:8]
/RDQS1
RDM1
DQ[7:0]
D1
/CS
DQS
/DQS
DM
ZQ
RDQS2
RDQ[23:16]
/RDQS2
RDM2
DQ[7:0]
D2
/CS
DQS
/DQS
DM
ZQ
RDQS3
RDQ[31:24]
/RDQS3
RDM3
DQ[7:0]
D3
/CS
DQS
/DQS
DM
ZQ
RDQS4
RDQ[39:32]
/RDQS4
RDM4
DQ[7:0]
D4
/CS
DQS
/DQS
DM
ZQ
RDQS5
RDQ[47:40]
/RDQS5
RDM5
DQ[7:0]
D5
/CS
DQS
/DQS
DM
ZQ
RDQS6
RDQ[55:48]
/RDQS6
RDM6
DQ[7:0]
D6
/CS
DQS
/DQS
DM
ZQ
RDQS7
RDQ[63:56]
/RDQS7
RDM7
DQ[7:0]
D7
/CS
DQS
/DQS
DM
ZQ
RDQS8
RCB[7:0]
/RDQS8
RDM8
DQ[7:0]
D8
/CS
DQS
/DQS
DM
ZQ
DQ[7:0]
D9
/CS
DQS
/DQS
DM
ZQ
DQ[7:0] D10
/CS
DQS
/DQS
DM
ZQ
DQ[7:0] D11
/CS
DQS
/DQS
DM
ZQ
DQ[7:0] D12
/CS
DQS
/DQS
DM
ZQ
DQ[7:0] D13
/CS
DQS
/DQS
DM
ZQ
DQ[7:0] D14
/CS
DQS
/DQS
DM
ZQ
DQ[7:0] D15
/CS
DQS
/DQS
DM
ZQ
DQ[7:0] D16
/CS
DQS
/DQS
DM
ZQ
DQ[7:0] D17
/CS
DQS
/DQS
DM
ZQ
/CS0
/CS1
D0
D1
D2
D3
D8
D4
D5
D6
D7
D9
D10
D11
D12
D17
D13
D14
D15
D16
Rank0 SDRAMs
Rank1 SDRAMs
/CS0
/CS1
BA[2:0]
A[15:0]
/RAS
/CAS
/WE
CKE0
CKE1
ODT0
ODT1
CK0
/CK0
/RESET
All SDRAMs
2.2pF
ZQ
VSS
240
SPD
VDDSPD
VREFCA
All SDRAMs
VTT
VREFDQ
All SDRAMs
VSS
All SDRAMs
VDD
All SDRAMs
DQS[8:0]
DQ[63:0]
/DQS[8:0]
CB[7:0]
RDQS[8:0]
RDQ[63:0]
/RDQS[8:0]
RCB[7:0]
/CS[1:0]
BA[2:0]
A[15:0]
/RAS
/CAS
/WE
CKE[1:0]
ODT[1:0]
VTT
VTT
39
39
15
A1
SDA
SCL
A0
A2 /EVENT
U1
Serial PD
A1
SCL
A0
A2
SDA
/EVENT
Note :
1. DQ wiring may be changed within a byte.
Address, command and control
CK[1:0]
/CK[1:0]
VDD
36
0.1
µF
DM[8:0]
/RDM[8:0]
CK1
/CK1
2.2pF
All SDRAMs
All SDRAMs
All SDRAMs
All SDRAMs
All SDRAMs
Rank1 SDRAMs
Rank0 SDRAMs
Rank1 SDRAMs
Rank0 SDRAMs
Rank1 SDRAMs
Rank0 SDRAMs


Similar Part No. - EBJ21EE8BDFA-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA-8C-E ELPIDA-EBJ21EE8BAFA-8C-E Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA-AE-E ELPIDA-EBJ21EE8BAFA-AE-E Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA-DJ-E ELPIDA-EBJ21EE8BAFA-DJ-E Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
More results

Similar Description - EBJ21EE8BDFA-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ20UF8BCF0 ELPIDA-EBJ20UF8BCF0 Datasheet
272Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDF0 ELPIDA-EBJ21UE8BDF0 Datasheet
218Kb / 21P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
EBE21UE8ACFA ELPIDA-EBE21UE8ACFA Datasheet
251Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA ELPIDA-EBE21UE8AEFA Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com