Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ41HF4B1QA-DJ-E Datasheet(PDF) 10 Page - Elpida Memory

Part # EBJ41HF4B1QA-DJ-E
Description  4GB VLP Registered DDR3 SDRAM DIMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HF4B1QA-DJ-E Datasheet(HTML) 10 Page - Elpida Memory

Back Button EBJ41HF4B1QA-DJ-E Datasheet HTML 6Page - Elpida Memory EBJ41HF4B1QA-DJ-E Datasheet HTML 7Page - Elpida Memory EBJ41HF4B1QA-DJ-E Datasheet HTML 8Page - Elpida Memory EBJ41HF4B1QA-DJ-E Datasheet HTML 9Page - Elpida Memory EBJ41HF4B1QA-DJ-E Datasheet HTML 10Page - Elpida Memory EBJ41HF4B1QA-DJ-E Datasheet HTML 11Page - Elpida Memory EBJ41HF4B1QA-DJ-E Datasheet HTML 12Page - Elpida Memory EBJ41HF4B1QA-DJ-E Datasheet HTML 13Page - Elpida Memory EBJ41HF4B1QA-DJ-E Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
EBJ41HF4B1QA
Data Sheet E1265E40 (Ver.4.0)
10
Block Diagram
VTT
DQS14
/DQS14
4
4
DQS9
/DQS9
4
DQ4
to DQ7
4
4
4
4
4
DQS16
/DQS16
DQ60
to DQ63
DQS7
/DQS7
DQ56
to DQ59
DQS4
/DQS4
DQ32
to DQ35
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
D23
D24
D12
D11
D10
D9
D30
D29
D28
D27
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
Rs1
Rs1
Rs1
Rs1
VTT
VTT
VTT
Rs1
Rs1
4
DQS8
/DQS8
CB0
to CB3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
D17
D35
ZQ
ZQ
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
DM
DM
DM
DM
DM
DM
DM
VSS
DM
VSS
DM
DM
Rs1
VTT
DQ28
to DQ31
DQS10
/DQS10
DQ12
to DQ15
DQS0
/DQS0
DQ0
to DQ3
DQS11
/DQS11
4
4
4
4
DQ20
to DQ23
DQS12
/DQS12
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
D3
D2
D1
D0
D21
D20
D19
D18
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
Rs1
VTT
Rs1
Rs1
4
DQS17
/DQS17
CB4
to CB7
DQS
/DQS
DQ0
to DQ3
D8
ZQ
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
DM
DM
DM
DM
DM
DM
DM
VSS
VSS
VSS
DM
VSS
VSS
DM
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
/DQS
DQ0
to DQ3
D22
ZQ
D6
DQS
ZQ
/DQS
DM
DM
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DM
DM
DM
DM
DM
DQ0
to DQ3
ZQ
ZQ
ZQ
D4
D5
D7
DQS
DQ44
to DQ47
VSS
VSS
VSS
VSS
DQS13
/DQS13
4
4
4
4
DQS15
/DQS15
DQ52
to DQ55
DQS6
/DQS6
DQ48
to DQ51
DQS5
/DQS5
DQ40
to DQ43
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
D32
D33
D34
ZQ
ZQ
ZQ
Rs1
Rs1
Rs1
VTT
VTT
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
Rs1
/DQS
DQ0
to DQ3
D31
ZQ
D15
DQS
ZQ
/DQS
DM
DM
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DQ0
to DQ3
DQS
/DQS
DM
DM
DM
DM
DM
DM
DQ0
to DQ3
ZQ
ZQ
ZQ
D13
D14
D16
DQS
DQ36
to DQ39
VSS
VSS
VSS
VSS
DQS
/DQS
DQ0
to DQ3
D26
ZQ
DM
3
17
3
17
3
17
3
17
DQ24
to DQ27
DQS3
/DQS3
VSS
DQS2
/DQS2
DQ16
to DQ19
VSS
DQS1
/DQS1
DQ8
to DQ11
VSS
DQS
/DQS
DQ0
to DQ3
D25
ZQ
DM
VDD
VDD
VDD
VDD
Block Diagram (1)


Similar Part No. - EBJ41HF4B1QA-DJ-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ41HE4BAFA ELPIDA-EBJ41HE4BAFA Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BAFA-8C-E ELPIDA-EBJ41HE4BAFA-8C-E Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BAFA-AE-E ELPIDA-EBJ41HE4BAFA-AE-E Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BAFA-DJ-E ELPIDA-EBJ41HE4BAFA-DJ-E Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA ELPIDA-EBJ41HE4BDFA Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
More results

Similar Description - EBJ41HF4B1QA-DJ-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41AF4A1QB ELPIDA-EBE41AF4A1QB Datasheet
265Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
EBE41AF4A1QA ELPIDA-EBE41AF4A1QA Datasheet
238Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
logo
Hynix Semiconductor
HMT451V7MFR8C HYNIX-HMT451V7MFR8C Datasheet
1Mb / 67P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb M-die
logo
Elpida Memory
EBJ42HE8BAFA ELPIDA-EBJ42HE8BAFA Datasheet
210Kb / 22P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA ELPIDA-EBJ41HE4BDFA Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFD ELPIDA-EBJ41HE4BDFD Datasheet
208Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
logo
Hynix Semiconductor
HMT451V7AFR8C HYNIX-HMT451V7AFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb A-die
logo
Elpida Memory
EBJ41HE4BAFA ELPIDA-EBJ41HE4BAFA Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
logo
Hynix Semiconductor
HMT112V7AFP8C-G7 HYNIX-HMT112V7AFP8C-G7 Datasheet
742Kb / 25P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT325V7AFR8C-G7 HYNIX-HMT325V7AFR8C-G7 Datasheet
1Mb / 35P
   240pin DDR3 SDRAM VLP Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com