Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ41UF8BCS0 Datasheet(PDF) 4 Page - Elpida Memory

Part # EBJ41UF8BCS0
Description  4GB DDR3 SDRAM SO-DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41UF8BCS0 Datasheet(HTML) 4 Page - Elpida Memory

  EBJ41UF8BCS0 Datasheet HTML 1Page - Elpida Memory EBJ41UF8BCS0 Datasheet HTML 2Page - Elpida Memory EBJ41UF8BCS0 Datasheet HTML 3Page - Elpida Memory EBJ41UF8BCS0 Datasheet HTML 4Page - Elpida Memory EBJ41UF8BCS0 Datasheet HTML 5Page - Elpida Memory EBJ41UF8BCS0 Datasheet HTML 6Page - Elpida Memory EBJ41UF8BCS0 Datasheet HTML 7Page - Elpida Memory EBJ41UF8BCS0 Datasheet HTML 8Page - Elpida Memory EBJ41UF8BCS0 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EBJ41UF8BCS0
Data Sheet E1670E30 (Ver. 3.0)
4
Pin Description
Pin name
Function
A0 to A14
Address input
Row address
A0 to A14
Column address
A0 to A9
A10 (AP)
Auto precharge
A12 (/BC)
Burst chop
BA0, BA1, BA2
Bank select address
/RAS
Row address strobe
/CAS
Column address strobe
/WE
Write enable
/CS0, /CS1
Chip select
CKE0, CKE1
Clock enable
CK0, CK1
Clock input
/CK0, /CK1
Differential clock input
ODT0, ODT1
ODT control
DQ0 to DQ63
Data input/output
DQS0 to DQS7, /DQS0 to /DQS7
Input and output data strobe
DM0 to DM7
Input mask
SCL
Clock input for serial PD
SDA
Data input/output for serial PD
SA0, SA1
Address input for serial PD
VDD*
1
Power for internal circuit
VDDSPD
Power for serial PD
VREFCA
Reference voltage for CA
VREFDQ
Reference voltage for DQ
VSS
Ground
VTT
I/O termination supply for SDRAM
/RESET
Set DRAM to a known state
NC
No connection
Note: 1. The VDD and VDDQ pins are tied common to a single power-plane on these designs.
1 pin
2 pin
Front side
Back side
71 pin
72 pin
73 pin
74 pin
203 pin
204 pin


Similar Part No. - EBJ41UF8BCS0

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ41UF8BCF0 ELPIDA-EBJ41UF8BCF0 Datasheet
289Kb / 16P
   4GB Unbuffered DDR3 SDRAM DIMM
EBJ41UF8BCF0-DJ-F ELPIDA-EBJ41UF8BCF0-DJ-F Datasheet
289Kb / 16P
   4GB Unbuffered DDR3 SDRAM DIMM
EBJ41UF8BCF0-GN-F ELPIDA-EBJ41UF8BCF0-GN-F Datasheet
289Kb / 16P
   4GB Unbuffered DDR3 SDRAM DIMM
More results

Similar Description - EBJ41UF8BCS0

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ40UG8BBU0 ELPIDA-EBJ40UG8BBU0 Datasheet
148Kb / 16P
   4GB DDR3 SDRAM SO-DIMM
EBJ41UF8BAS0 ELPIDA-EBJ41UF8BAS0 Datasheet
211Kb / 21P
   4GB DDR3 SDRAM SO-DIMM
EBJ42HE8BAFA ELPIDA-EBJ42HE8BAFA Datasheet
210Kb / 22P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA ELPIDA-EBJ41HE4BDFA Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFD ELPIDA-EBJ41HE4BDFD Datasheet
208Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BAFA ELPIDA-EBJ41HE4BAFA Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
EBJ41UF8BCF0 ELPIDA-EBJ41UF8BCF0 Datasheet
289Kb / 16P
   4GB Unbuffered DDR3 SDRAM DIMM
logo
List of Unclassifed Man...
SEC04G72C1BC2MT-37R ETC2-SEC04G72C1BC2MT-37R Datasheet
660Kb / 16P
   4GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE41UF8ABDA ELPIDA-EBE41UF8ABDA Datasheet
271Kb / 29P
   4GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN04G64D2BC2MT-30[W]R ETC2-SEN04G64D2BC2MT-30[W]R Datasheet
663Kb / 16P
   4GB DDR2 ??SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com