Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ41HE4BDFP-DJ-F Datasheet(PDF) 7 Page - Elpida Memory

Part # EBJ41HE4BDFP-DJ-F
Description  4GB Registered DDR3 SDRAM DIMM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HE4BDFP-DJ-F Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBJ41HE4BDFP-DJ-F Datasheet HTML 3Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 4Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 5Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 6Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 7Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 8Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 9Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 10Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
EBJ41HE4BDFD, EBJ41HE4BDFM, EBJ41HE4BDFP
Data Sheet E1580E30 (Ver. 3.0)
7
-AE
-DJ
Byte No.
Function described
Hex
Comments
Hex
Comments
60
Module nominal height
10h
30 < height ≤ 31mm
10h
30 < height ≤ 31mm
61
Module maximum thickness
33h
Dual sides w/HS
33h
Dual sides w/HS
62
Reference raw card used
24h
Row Card E1
24h
Row Card E1
63
DIMM Module Attributes
09h
2 rows/1 register
09h
2 rows/1 register
64
Heat Spreader Solution
80h
Incorporated
80h
Incorporated
65
Register Vendor ID, LSB
(IDT)
80h
80h
(Montage)
86h
86h
(Inphi)
04h
04h
66
Register Vendor ID, MSB
(IDT)
B3h
B3h
(Montage)
32h
32h
(Inphi)
B3h
B3h
67
Register Revision
(IDT)
61h
61h
(Montage)
05h
05h
(Inphi)
11h
11h
68
Register Type
00h
SSTE32882
00h
SSTE32882
69
Register Control Word Functions (RC1, 0)
00h
Default
00h
Default
70
Register Control Word Functions (RC3, 2)
50h
Default
50h
Default
71
Register Control Word Functions (RC5, 4)
55h
Default
55h
Default
72
Register Control Word Functions (RC7, 6)
00h
Default
00h
Default
73
Register Control Word Functions (RC9, 8)
00h
Default
00h
Default
74
Register Control Word Functions (RC11, 10)
00h
Default
00h
Default
75
Register Control Word Functions (RC13, 12)
00h
Default
00h
Default
76
Register Control Word Functions (RC15, 14)
00h
Default
00h
Default
77 to 116
Reserved
00h
00h
117
Module ID: manufacturer’s JEDEC ID code, LSB
02h
Elpida Memory
02h
Elpida Memory
118
Module ID: manufacturer’s JEDEC ID code, MSB
FEh
Elpida Memory
FEh
Elpida Memory
119
Module ID: manufacturing location
××
××
120
Module ID: manufacturing date
yy
Year code (BCD)
yy
Year code (BCD)
121
Module ID: manufacturing date
ww
Week code (BCD)
ww
Week code (BCD)
122 to 125 Module ID: module serial number
××
××
126
Cyclical redundancy code (CRC)
(IDT)
35h
77h
(Montage)
19h
5Bh
(Inphi)
2Dh
6Fh
127
Cyclical redundancy code (CRC)
(IDT)
6Ah
C3h
(Montage)
E2h
4Bh
(Inphi)
54h
FDh


Similar Part No. - EBJ41HE4BDFP-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ41HE4BDFA ELPIDA-EBJ41HE4BDFA Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA-AE-F ELPIDA-EBJ41HE4BDFA-AE-F Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA-DJ-F ELPIDA-EBJ41HE4BDFA-DJ-F Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
More results

Similar Description - EBJ41HE4BDFP-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ42HE8BAFA ELPIDA-EBJ42HE8BAFA Datasheet
210Kb / 22P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA ELPIDA-EBJ41HE4BDFA Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BAFA ELPIDA-EBJ41HE4BAFA Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HF4B1QA ELPIDA-EBJ41HF4B1QA Datasheet
227Kb / 21P
   4GB VLP Registered DDR3 SDRAM DIMM
logo
Hynix Semiconductor
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
logo
Elpida Memory
EBJ40UG8BBU0 ELPIDA-EBJ40UG8BBU0 Datasheet
148Kb / 16P
   4GB DDR3 SDRAM SO-DIMM
EBJ41UF8BCF0 ELPIDA-EBJ41UF8BCF0 Datasheet
289Kb / 16P
   4GB Unbuffered DDR3 SDRAM DIMM
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBJ41UF8BAS0 ELPIDA-EBJ41UF8BAS0 Datasheet
211Kb / 21P
   4GB DDR3 SDRAM SO-DIMM
EBJ41UF8BCS0 ELPIDA-EBJ41UF8BCS0 Datasheet
223Kb / 16P
   4GB DDR3 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com