Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ41UF8BCS0-GN-F Datasheet(PDF) 5 Page - Elpida Memory

Part # EBJ41UF8BCS0-GN-F
Description  4GB DDR3 SDRAM SO-DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41UF8BCS0-GN-F Datasheet(HTML) 5 Page - Elpida Memory

  EBJ41UF8BCS0-GN-F Datasheet HTML 1Page - Elpida Memory EBJ41UF8BCS0-GN-F Datasheet HTML 2Page - Elpida Memory EBJ41UF8BCS0-GN-F Datasheet HTML 3Page - Elpida Memory EBJ41UF8BCS0-GN-F Datasheet HTML 4Page - Elpida Memory EBJ41UF8BCS0-GN-F Datasheet HTML 5Page - Elpida Memory EBJ41UF8BCS0-GN-F Datasheet HTML 6Page - Elpida Memory EBJ41UF8BCS0-GN-F Datasheet HTML 7Page - Elpida Memory EBJ41UF8BCS0-GN-F Datasheet HTML 8Page - Elpida Memory EBJ41UF8BCS0-GN-F Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
EBJ41UF8BCS0
Data Sheet E1670E30 (Ver. 3.0)
5
Serial PD Matrix
-DJ
-GN
Byte No.
Function described
Hex
Comments
Hex
Comments
0
Number of serial PD bytes written/
SPD device size/CRC coverage
92h
176/256/0-116
92h
176/256/0-116
1
SPD revision
10h
Rev.1.0
10h
Rev.1.0
2
Key byte/DRAM device type
0Bh
DDR3 SDRAM
0Bh
DDR3 SDRAM
3
Key byte/module type
03h
SO-DIMM
03h
SO-DIMM
4
SDRAM density and banks
03h
2G bits, 8 banks
03h
2G bits, 8 banks
5
SDRAM addressing
19h
15 rows, 10 columns
19h
15 rows, 10 columns
6
Module nominal voltage, VDD
00h
1.5V
00h
1.5V
7
Module organization
09h
2 ranks/
×8 bits
09h
2 ranks/
×8 bits
8
Module memory bus width
03h
64 bits/non-ECC
03h
64 bits/non-ECC
9
Fine timebase (FTB) dividend/divisor
52h
5/2
52h
5/2
10
Medium timebase (MTB) dividend
01h
1
01h
1
11
Medium timebase (MTB) divisor
08h
8
08h
8
12
SDRAM minimum cycle time (tCK (min.))
0Ch
1.5ns
0Ah
1.25ns
13
Reserved
00h
00h
14
SDRAM CAS latencies supported, LSB
7Eh
5, 6, 7, 8, 9, 10
FEh
5, 6, 7, 8, 9, 10, 11
15
SDRAM CAS latencies supported, MSB
00h
00h
16
SDRAM minimum CAS latencies time (tAA (min.))
69h
13.125ns
69h
13.125ns
17
SDRAM minimum write recovery time (tWR (min.))
78h
15ns
78h
15ns
18
SDRAM minimum /RAS to /CAS delay
(tRCD (min.))
69h
13.125ns
69h
13.125ns
19
SDRAM minimum row active to row active delay
(tRRD (min.))
30h
6ns
30h
6ns
20
SDRAM minimum row precharge time (tRP (min.))
69h
13.125ns
69h
13.125ns
21
SDRAM upper nibbles for tRAS and tRC
11h
11h
22
SDRAM minimum active to precharge time
(tRAS (min.)), LSB
20h
36ns
18h
35ns
23
SDRAM minimum active to active /auto-refresh time
(tRC (min.)), LSB
89h
49.125ns
81h
48.125ns
24
SDRAM minimum refresh recovery time delay
(tRFC (min.)), LSB
00h
160ns
00h
160ns
25
SDRAM minimum refresh recovery time delay
(tRFC (min.)), MSB
05h
160ns
05h
160ns
26
SDRAM minimum internal write to read
command delay (tWTR (min.))
3Ch
7.5ns
3Ch
7.5ns
27
SDRAM minimum internal read to precharge
command delay (tRTP (min.))
3Ch
7.5ns
3Ch
7.5ns
28
Upper nibble for tFAW
00h
30ns
00h
30ns
29
Minimum four activate window delay time
(tFAW (min.))
F0h
30ns
F0h
30ns
30
SDRAM optional features
83h
DLL-off, RZQ/6, 7
83h
DLL-off, RZQ/6, 7
31
SDRAM thermal and refresh options
81h
PASR/2X refresh at
+85ºC to +95ºC
81h
PASR/2X refresh at
+85ºC to +95ºC
32
Module thermal sensor
00h
Not incorporated
00h
Not incorporated
33
SDRAM device type
00h
Standard
00h
Standard
34 to 59
Reserved
00h
00h


Similar Part No. - EBJ41UF8BCS0-GN-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ41UF8BCF0 ELPIDA-EBJ41UF8BCF0 Datasheet
289Kb / 16P
   4GB Unbuffered DDR3 SDRAM DIMM
EBJ41UF8BCF0-DJ-F ELPIDA-EBJ41UF8BCF0-DJ-F Datasheet
289Kb / 16P
   4GB Unbuffered DDR3 SDRAM DIMM
EBJ41UF8BCF0-GN-F ELPIDA-EBJ41UF8BCF0-GN-F Datasheet
289Kb / 16P
   4GB Unbuffered DDR3 SDRAM DIMM
More results

Similar Description - EBJ41UF8BCS0-GN-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ40UG8BBU0 ELPIDA-EBJ40UG8BBU0 Datasheet
148Kb / 16P
   4GB DDR3 SDRAM SO-DIMM
EBJ41UF8BAS0 ELPIDA-EBJ41UF8BAS0 Datasheet
211Kb / 21P
   4GB DDR3 SDRAM SO-DIMM
EBJ42HE8BAFA ELPIDA-EBJ42HE8BAFA Datasheet
210Kb / 22P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA ELPIDA-EBJ41HE4BDFA Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFD ELPIDA-EBJ41HE4BDFD Datasheet
208Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BAFA ELPIDA-EBJ41HE4BAFA Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
EBJ41UF8BCF0 ELPIDA-EBJ41UF8BCF0 Datasheet
289Kb / 16P
   4GB Unbuffered DDR3 SDRAM DIMM
logo
List of Unclassifed Man...
SEC04G72C1BC2MT-37R ETC2-SEC04G72C1BC2MT-37R Datasheet
660Kb / 16P
   4GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE41UF8ABDA ELPIDA-EBE41UF8ABDA Datasheet
271Kb / 29P
   4GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN04G64D2BC2MT-30[W]R ETC2-SEN04G64D2BC2MT-30[W]R Datasheet
663Kb / 16P
   4GB DDR2 ??SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com