Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZY91C68 Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # BZY91C68
Description  Zener Diodes (Studs)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

BZY91C68 Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  BZY91C68 Datasheet HTML 1Page - Naina Semiconductor ltd. BZY91C68 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor
2
D-95, Sector 63, Noida
sales@nainasemi.com
Electrical Characteristics (TA = 25
OC unless otherwise specified)
Stud Cathode Part
number
Stud Anode Par
number
BZY91C7V5
BZY91C7V5R
BZY91C8V2
BZY91C8V2R
BZY91C9V1
BZY91C9V1R
BZY91C10
BZY91C10R
BZY91C11
BZY91C11R
BZY91C12
BZY91C12R
BZY91C13
BZY91C13R
BZY91C15
BZY91C15R
BZY91C16
BZY91C16R
BZY91C18
BZY91C18R
BZY91C20
BZY91C20R
BZY91C22
BZY91C22R
BZY91C24
BZY91C24R
BZY91C27
BZY91C27R
BZY91C30
BZY91C30R
BZY91C33
BZY91C33R
BZY91C36
BZY91C36R
BZY91C39
BZY91C39R
BZY91C43
BZY91C43R
BZY91C47
BZY91C47R
BZY91C51
BZY91C51R
BZY91C56
BZY91C56R
BZY91C62
BZY91C62R
BZY91C68
BZY91C68R
BZY91C75
BZY91C75R
emiconductor Ltd.
BZY9
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
Zener Diodes (Studs)
C unless otherwise specified)
Stud Anode Part
Zener Voltage
VZ @ IZ
(V)
IZ
(A)
Zener
Resistance
RZ @ IZ
(Ω)
MIN
MAX
Typ.
Max
C7V5R
7.0
7.9
5.0
0.04
0.2
C8V2R
7.7
8.7
5.0
0.06
0.3
C9V1R
8.5
9.6
2.0
0.08
0.4
9.4
10.6
2.0
0.08
0.4
10.4
11.6
2.0
0.08
0.4
11.4
12.7
2.0
0.10
0.5
12.4
14.1
2.0
0.10
0.5
13.8
15.6
2.0
0.12
0.6
15.3
17.1
2.0
0.12
0.6
16.8
19.1
1.0
0.14
0.7
18.8
21.2
1.0
0.16
0.8
20.8
23.3
1.0
0.16
0.8
22.7
25.9
1.0
0.18
0.9
25.1
28.9
1.0
0.20
1.0
28.0
32.0
1.0
0.22
1.1
31.0
35.0
1.0
0.24
1.2
34.0
38.0
1.0
0.26
1.3
37.0
41.0
0.5
0.28
1.4
40.0
46.0
0.5
0.30
1.5
44.0
50.0
0.5
0.34
1.7
48.0
54.0
0.5
0.36
1.8
52.0
60.0
0.5
0.40
2.0
58.0
66.0
0.5
0.44
2.2
64.0
72.0
0.5
0.48
2.4
70.0
79.0
0.5
0.51
2.6
BZY91 Series
4205450
Fax: 0120-4273653
www.nainasemi.com
Maximum Reverse Leakage
Current
IR @ VR
(mA)
(V)
5.0
5.1
5.0
5.6
5.0
6.2
1.0
6.8
1.0
7.5
1.0
8.2
1.0
9.1
1.0
10
1.0
11
1.0
12
1.0
13
1.0
15
1.0
16
1.0
18
1.0
20
1.0
22
1.0
24
1.0
27
1.0
30
1.0
33
1.0
36
1.0
39
1.0
43
1.0
47
1.0
51


Similar Part No. - BZY91C68

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BZY91C68 LITTELFUSE-BZY91C68 Datasheet
117Kb / 2P
   Zeners/Studs
logo
New Jersey Semi-Conduct...
BZY91C68 NJSEMI-BZY91C68 Datasheet
88Kb / 2P
   Voltage Range?.5 - 75 Volts 5000 Watt Peak Pulse Power
logo
Littelfuse
BZY91C68R LITTELFUSE-BZY91C68R Datasheet
117Kb / 2P
   Zeners/Studs
logo
New Jersey Semi-Conduct...
BZY91C68R NJSEMI-BZY91C68R Datasheet
88Kb / 2P
   Voltage Range?.5 - 75 Volts 5000 Watt Peak Pulse Power
More results

Similar Description - BZY91C68

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
BZY93 NAINA-BZY93_11 Datasheet
119Kb / 2P
   Zener Diodes (Studs)
logo
Littelfuse
BZY91 LITTELFUSE-BZY91 Datasheet
117Kb / 2P
   Zeners/Studs
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com