Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA965B Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TCA965B
Description  Window Discriminator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TCA965B Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TCA965B Datasheet HTML 4Page - Siemens Semiconductor Group TCA965B Datasheet HTML 5Page - Siemens Semiconductor Group TCA965B Datasheet HTML 6Page - Siemens Semiconductor Group TCA965B Datasheet HTML 7Page - Siemens Semiconductor Group TCA965B Datasheet HTML 8Page - Siemens Semiconductor Group TCA965B Datasheet HTML 9Page - Siemens Semiconductor Group TCA965B Datasheet HTML 10Page - Siemens Semiconductor Group TCA965B Datasheet HTML 11Page - Siemens Semiconductor Group TCA965B Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TCA 965 B
Semiconductor Group
8
1998-02-10
Schematic Circuit Diagrams
Inhibit Inputs 4,12
Inputs 6, 7, 8
Outputs 2, 3, 13, 14
IES00088
Outputs
Input 9
Outputs A, B
GND
High
Not permitted
> 7 V
Normal function
open
Low
> 1.8 V
100
1 k
V
S
V
4,12
V
6,7,8
1 k
V
9
V
REF
Q
R
V
Stab
V
REF VStab
,
V
4,12
ΩΩ


Similar Part No. - TCA965B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TCA965B INFINEON-TCA965B Datasheet
134Kb / 17P
   Window Discriminator(Bipolar IC)
1998-02-10
More results

Similar Description - TCA965B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TCA965B INFINEON-TCA965B Datasheet
134Kb / 17P
   Window Discriminator(Bipolar IC)
1998-02-10
logo
Oscilent Corporation
662 OSCILENT-662 Datasheet
141Kb / 2P
   Discriminator
662-10.7M-G1 OSCILENT-662-10.7M-G1 Datasheet
141Kb / 2P
   Discriminator
660-4.5M OSCILENT-660-4.5M Datasheet
142Kb / 2P
   Discriminator
660 OSCILENT-660 Datasheet
142Kb / 2P
   Discriminator
logo
Shenzhen Luguang Electr...
455C54 LUGUANG-455C54 Datasheet
422Kb / 3P
   Ceramic Discriminator
JTCV107MG82 LUGUANG-JTCV107MG82 Datasheet
207Kb / 8P
   CERAMIC DISCRIMINATOR
JT10.7MG33 LUGUANG-JT10.7MG33 Datasheet
251Kb / 5P
   Ceramic Discriminator
CDBC450C54 LUGUANG-CDBC450C54 Datasheet
212Kb / 3P
   Ceramic Discriminator
JTCV10.7MG48 LUGUANG-JTCV10.7MG48 Datasheet
260Kb / 7P
   Ceramic Discriminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com